Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 184Page - STMicroelectronics STM32MP253C Datasheet HTML 185Page - STMicroelectronics STM32MP253C Datasheet HTML 186Page - STMicroelectronics STM32MP253C Datasheet HTML 187Page - STMicroelectronics STM32MP253C Datasheet HTML 188Page - STMicroelectronics STM32MP253C Datasheet HTML 189Page - STMicroelectronics STM32MP253C Datasheet HTML 190Page - STMicroelectronics STM32MP253C Datasheet HTML 191Page - STMicroelectronics STM32MP253C Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tOH(RDY)
RDY output hold time
-
8
-
-
ns
Figure 45. PSSI receive timing diagram
ts(DATA)
CKPOL=0
CKPOL=1
PSSI D[15:0]
(input)
th(DATA)
tw(PDCKL)
tw(PDCKH)
tc(PDCK)
tf(PDCK)
Invalid data IN
Valid data IN
DEPOL=0
DEPOL=1
RDYPOL=0
RDYPOL=1
Invalid data IN
tr(PDCK)
ts(DE)
th(DE)
tv(RDY)
tho(RDY)
6.3.34
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in Table 101 for the LTDC interface are derived from tests
performed under the ambient temperature, frequency and supply voltage conditions summarized in
Table 17. General operating conditions, with the following configuration:
•
LCD_CLK polarity: low (signals change on CLK rising edge)
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
•
Output speed is set to:
–
LTDC Clock: OSPEEDRy[1:0] = 11
–
Other LTDC signals: OSPEEDRy[1:0] = 01
•
Advanced I/O configurations:
–
LTDC Clock: RET = 0, INVCLK = 0, DE = 0, DLYPATH = 0
–
Other LTDC signals: RET = 1, INVCLK = 0, DE = 0, DLYPATH = 0
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 × VDD
•
I/O compensation cell enabled
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 188/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com