Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 182Page - STMicroelectronics STM32MP253C Datasheet HTML 183Page - STMicroelectronics STM32MP253C Datasheet HTML 184Page - STMicroelectronics STM32MP253C Datasheet HTML 185Page - STMicroelectronics STM32MP253C Datasheet HTML 186Page - STMicroelectronics STM32MP253C Datasheet HTML 187Page - STMicroelectronics STM32MP253C Datasheet HTML 188Page - STMicroelectronics STM32MP253C Datasheet HTML 189Page - STMicroelectronics STM32MP253C Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 241 page
background image
Table 98. DCMIPP characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max
Unit
DCMIPP_PIXCLK
Pixel clock input
-
-
-
120
MHz
DPixel
Pixel clock input duty cycle
-
30
-
70
%
tsu(DATA)
Data input setup time
-
2
-
-
ns
th(DATA)
Data input hold time
-
4
-
-
tsu(HSYNC) tsu(VSYNC)
DCMIPP_HSYNC / DCMIPP_VSYNC input setup time
-
2
-
-
th(HSYNC) th(VSYNC)
DCMIPP_HSYNC / DCMIPP_VSYNC input hold time
-
4
-
-
Figure 43. DCMIPP timing diagram
DCMIPP_PIXCLK
tsu(VSYNC)
tsu(HSYNC)
DCMIPP_HSYNC
DCMIPP_VSYNC
DATA[15:0]
1/DCMIPP_PIXCLK
th(HSYNC)
th(HSYNC)
tsu(DATA) th(DATA)
6.3.33
Parallel interface (PSSI) characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature, frequency and supply voltage conditions summarized in Table 17. General operating
conditions, with the following configuration:
•
PSSI_PDCK polarity: falling
•
PSSI_RDY and PSSI_DE polarity: low
•
Bus width: 16 lines
•
Data width: 32 bits
•
Capacitive load CL = 30 pF
•
Measurement points done at CMOS levels: 0.5 × VDD
•
I/O compensation cell activated
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Table 99. PSSI transmit characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
clock_ratio
Frequency ratio DCMI_PDCK/fHCLK
-
-
-
0.4
-
PSSI_PDCK
PSSI clock input
-
-
-
74(1)
MHz
DPIXEL
PSSI clock input duty cycle
-
30
-
70
%
tOV(DATA)
Data output valid time
-
-
-
13.5
ns
tOH(DATA)
Data output hold time
-
5.5
-
-
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 186/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com