Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 190 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 190 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 186Page - STMicroelectronics STM32MP253C Datasheet HTML 187Page - STMicroelectronics STM32MP253C Datasheet HTML 188Page - STMicroelectronics STM32MP253C Datasheet HTML 189Page - STMicroelectronics STM32MP253C Datasheet HTML 190Page - STMicroelectronics STM32MP253C Datasheet HTML 191Page - STMicroelectronics STM32MP253C Datasheet HTML 192Page - STMicroelectronics STM32MP253C Datasheet HTML 193Page - STMicroelectronics STM32MP253C Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 241 page
background image
Figure 47. LCD-TFT vertical timing diagram
LCD_CLK
tv(VSYNC)
LCD_R[0:7]
LCD_G[0:7]
LCD_B[0:7]
tCLK
LCD_VSYNC
tv(VSYNC)
M lines data
VSYNC
width
Vertical
back porch
Active width
One frame
Vertical
back porch
6.3.35
Timer characteristics
The parameters given in Table 102 are specified by design, not tested in production.
Refer to Section 6.3.16: I/O port characteristics for details on the input/output alternate function characteristics
(output compare, input capture, external clock, PWM output).
Table 102. TIMx characteristics
TIMx is used as a general term to refer to the TIM1 to TIM20 timers.
Specified by design, not tested in production.
Symbol
Parameter
Min
Max
Unit
tres(TIM)
Timer resolution time
1
-
tTIMxCLK
fTIMxCLK
Timer kernel clock
0
200
MHz
fEXT
Timer external clock frequency on CH1 to CH4
0
fTIMxCLK / 2
ResTIM
Timer resolution
-
16
bit
Timer resolution (TIM2 to TIM5)
-
32
tMAX_COUNT
Maximum possible count with 16
‑bit counters
-
65536
tTIMxCLK
Maximum possible count with 32
‑bit counter (TIM2 to TIM5)
-
65536 × 65536
Table 103. LPTIMx characteristics
LPTIMx is used as a general term to refer to the LPTIM1 to LPTIM5 timers.
Specified by design, not tested in production.
Symbol
Parameter
Min
Max
Unit
tres(LPTIM)
Timer resolution time
1
-
tLPTIMxCLK
fLPTIMxCLK
Timer kernel clock
0
100
MHz
Timer kernel clock (autonomous mode)
0
32768
Hz
fEXT
Timer external clock frequency on IN1 and IN2
0
fLPTIMxCLK/2
MHz
ResLPTIM
Timer resolution
-
16
bit
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 190/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com