Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 194 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 190Page - STMicroelectronics STM32MP253C Datasheet HTML 191Page - STMicroelectronics STM32MP253C Datasheet HTML 192Page - STMicroelectronics STM32MP253C Datasheet HTML 193Page - STMicroelectronics STM32MP253C Datasheet HTML 194Page - STMicroelectronics STM32MP253C Datasheet HTML 195Page - STMicroelectronics STM32MP253C Datasheet HTML 196Page - STMicroelectronics STM32MP253C Datasheet HTML 197Page - STMicroelectronics STM32MP253C Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 241 page
background image
Figure 50. SPI timing diagram - slave mode and CPHA = 1
th(SI)
tc(SCK)
tw(SCKH)
tw(SCKL)
tsu(NSS)
ta(SO)
tv(SO)
th(NSS)
tdis(SO)
tsu(SI)
NSS input
CPHA=1
CPOL=0
CPHA=1
CPOL=1
MISO output
MOSI input
First bit OUT
Next bits OUT
Last bit OUT
First bit IN
Last bit IN
Next bits IN
th(SO)
6.3.36.4
I2S interface characteristics
Unless otherwise specified, the parameters given in Table 108 for the I2S interface are derived from tests
performed under the ambient temperature, frequency and supply voltage conditions summarized in
Table 17. General operating conditions , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 01
•
Capacitive load C= 30 pF
•
Measurement points are done at CMOS levels: 0.5 × VDD
•
I/O compensation cell enabled
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate function
characteristics (CK, SD, WS).
Table 108. I2S characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMCK
I2S main clock output
-
-
-
50
MHz
fCK
I2S clock frequency
Master mode
-
-
50
MHz
Slave transmit mode
-
-
23
Slave receive mode
-
-
50
tv(WS)
WS valid time
Master mode
-
-
3.5
ns
th(WS)
WS hold time
Master mode
2.5
-
-
tsu(WS)
WS setup time
Slave mode
3.5
-
-
th(WS)
WS hold time
Slave mode
3
-
-
tsu(SD_MR)
Data input setup time
Master receiver
4
-
-
tsu(SD_SR)
Slave receiver
3
-
-
th(SD_MR)
Data input hold time
Master receiver
2.5
-
-
th(SD_SR)
Slave receiver
1.5
-
-
tv(SD_ST)
Data output valid time
Slave transmitter (after enable edge)
-
-
13
tv(SD_MT)
Master transmitter (after enable edge)
-
-
3.5
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 194/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com