Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 187Page - STMicroelectronics STM32MP253C Datasheet HTML 188Page - STMicroelectronics STM32MP253C Datasheet HTML 189Page - STMicroelectronics STM32MP253C Datasheet HTML 190Page - STMicroelectronics STM32MP253C Datasheet HTML 191Page - STMicroelectronics STM32MP253C Datasheet HTML 192Page - STMicroelectronics STM32MP253C Datasheet HTML 193Page - STMicroelectronics STM32MP253C Datasheet HTML 194Page - STMicroelectronics STM32MP253C Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 241 page
background image
Symbol
Parameter
Min
Max
Unit
tMAX_COUNT
Maximum possible count
-
65536
tLPTIMxCLK
6.3.36
Communications interfaces
6.3.36.1
I2C interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification for:
•
Standard-mode (Sm): with a bit rate up to 100 kbit/s
•
Fast-mode (Fm): with a bit rate up to 400 kbit/s.
•
Fast-mode Plus (Fm+): with a bit rate up to 1 Mbit/s.
The I2C timings requirements are specified by design, not tested in production, when the I2C peripheral is
properly configured (refer to product reference manual):
The SDA and SCL I/O requirements are met with the following restriction:
•
The SDA and SCL I/O pins are not "true" open-drain. When configured as open-drain, the PMOS
connected between the I/O pin and VDD is disabled, but is still present.
All I2C SDA and SCL I/Os embed an analog filter. Refer to Table 104. I2C analog filter characteristics for the
analog filter characteristics:
Table 104. I2C analog filter characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbols
Parameters
Min
Max
Unit
tAF
Maximum pulse width of spikes that are suppressed by the analog filter
50(1)
260(2)
ns
1. Spikes with widths below tAF(min) are filtered. At TJ = -40 °C, the guaranteed minimum is 40 ns.
2. Spikes with widths above tAF(max) are not filtered.
6.3.36.2
I3C interface characteristics
The I3C timings are in line with timings requirements of the MIPI® I3C specification v1.1, except for the ones
given in Table 105. This can be mitigated by increasing the corresponding SCL low duration in the I3C_TIMINGR0
register.
The I3C peripheral supports:
•
I3C SDR-only as controller
•
I3C SDR-only as target
•
I3C SCL bus clock frequency up to 12.5 MHz
Unless otherwise specified, the parameters given in Table 105 for the I3C interface are derived from tests
performed under the ambient temperature, frequency and supply voltage conditions summarized in
Table 17. General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
I/O compensation cell enabled
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
Table 105. I3C specific timings
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tSU_OD
SDA data setup time during Open-Drain mode
Controller
19.5
-
-
ns
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 191/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com