Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
101
Thermal
20.3
Thermal Management Information
This section provides thermal management information for the flip chip plastic ball grid array (FC-PBGA)
package for air-cooled applications. Proper thermal control design is primarily dependent on the
system-level design—the heat sink, airflow, and thermal interface material. The MPC8544E implements
several features designed to assist with thermal management, including the temperature diode. The
temperature diode allows an external device to monitor the die temperature in order to detect excessive
temperature conditions and alert the system; see Section 20.3.4, “Temperature Diode,” for more
information.
The recommended attachment method to the heat sink is illustrated in Figure 61. The heat sink should be
attached to the printed-circuit board with the spring force centered over the die. This spring force should
not exceed 10 pounds force (45 Newton).
Figure 61. Package Exploded Cross-Sectional View with Several Heat Sink Options
The system board designer can choose between several types of heat sinks to place on the device. There
are several commercially-available heat sinks from the following vendors:
Aavid Thermalloy
603-224-9988
80 Commercial St.
Concord, NH 03301
Internet: www.aavidthermalloy.com
Advanced Thermal Solutions
781-769-2800
89 Access Road #27.
Norwood, MA02062
Internet: www.qats.com
Alpha Novatech
408-567-8082
473 Sapena Ct. #12
Santa Clara, CA 95054
Internet: www.alphanovatech.com
Thermal Interface Material
Heat Sink
FC-PBGA Package
Heat Sink
Clip
Printed-Circuit Board
Die
Adhesive or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com