Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 320Page - Renesas Technology Corp R8C/29 Datasheet HTML 321Page - Renesas Technology Corp R8C/29 Datasheet HTML 322Page - Renesas Technology Corp R8C/29 Datasheet HTML 323Page - Renesas Technology Corp R8C/29 Datasheet HTML 324Page - Renesas Technology Corp R8C/29 Datasheet HTML 325Page - Renesas Technology Corp R8C/29 Datasheet HTML 326Page - Renesas Technology Corp R8C/29 Datasheet HTML 327Page - Renesas Technology Corp R8C/29 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 307 of 441
REJ09B0279-0210
16.3.6
Bit Synchronization Circuit
When setting the I2C bus interface to master mode, the high-level period may become shorter in the following
two cases:
• If the SCL signal is driven L level by a slave device
• If the rise speed of the SCL signal is reduced by a load (load capacity or pull-up resistor) on the SCL line.
Therefore, the SCL signal is monitored and communication is synchronized bit by bit.
Figure 16.44 shows the Timing of Bit Synchronization Circuit and Table 16.8 lists the Time between Changing
SCL Signal from “L” Output to High-Impedance and Monitoring of SCL Signal.
Figure 16.44
Timing of Bit Synchronization Circuit
1Tcyc = 1/f1(s)
Table 16.8
Time between Changing SCL Signal from “L” Output to High-Impedance and
Monitoring of SCL Signal
ICCR1 Register
Time for Monitoring SCL
CKS3
CKS2
0
0
7.5Tcyc
1
19.5Tcyc
10
17.5Tcyc
1
41.5Tcyc
VIH
Reference clock of
SCL monitor timing
SCL
Internal SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com