| Electronic Components Datasheet Search |
|
R8C/29 Datasheet(PDF) 326 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/29 Datasheet(HTML) 326 Page - Renesas Technology Corp |
|
326 / 471 page ![]() R8C/28 Group, R8C/29 Group 16. Clock Synchronous Serial Interface Rev.2.10 Sep 26, 2008 Page 309 of 441 REJ09B0279-0210 Figure 16.46 Example of Register Setting in Master Receive Mode (I2C bus Interface Mode) End RDRF = 1 ? Master receive mode No Yes (1) Set the TEND bit to 0 and set to master receive mode. Set the TDRE bit to 0(1,2) (2) Set the ACKBT bit to the transmit device(1) (3) Dummy read the ICDRR register(1) (4) Wait for 1 byte to be received (5) Judge (last receive - 1) (6) Read the receive data (7) Set the ACKBT bit of the last byte and set to disable continuous receive operation (RCVD = 1)(2) (8) Read the receive data of (last byte - 1) (9) Wait until the last byte is received (10) Set the STOP bit to 0 (11) Generate the stop condition (12) Wait until the stop condition is generated (13) Read the receive data of the last byte (14) Set the RCVD bit to 0 (15) Set to slave receive mode ICCR1 register TRS bit ← 0 Dummy read in ICDRR register Read RDRF bit in ICSR register Last receive - 1 ? ICSR register TEND bit ← 0 ICSR register STOP bit ← 0 ICCR2 register SCP bit ← 0 BBSY bit ← 0 Read STOP bit in ICSR register STOP = 1 ? ICSR register TDRE bit ← 0 No (1) (2) (3) (4) (5) (6) (7) (8) (12) (10) (13) (14) (11) (9) (15) ICIER register ACKBT bit ← 0 No Yes Read ICDRR register ICIER register ACKBT bit ← 1 ICCR1 register RCVD bit ← 1 Read ICDRR register Read RDRF bit in ICSR register RDRF = 1 ? Read ICDRR register ICCR1 register RCVD bit ← 0 ICCR1 register MST bit ← 0 No Yes Yes NOTES: 1. Do not generate the interrupt while processing steps (1) to (3). 2. When receiving 1 byte, skip steps (2) to (6) after (1) and jump to process of step (7). Processing step (8) is dummy read of the ICDRR register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |