Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 326Page - Renesas Technology Corp R8C/29 Datasheet HTML 327Page - Renesas Technology Corp R8C/29 Datasheet HTML 328Page - Renesas Technology Corp R8C/29 Datasheet HTML 329Page - Renesas Technology Corp R8C/29 Datasheet HTML 330Page - Renesas Technology Corp R8C/29 Datasheet HTML 331Page - Renesas Technology Corp R8C/29 Datasheet HTML 332Page - Renesas Technology Corp R8C/29 Datasheet HTML 333Page - Renesas Technology Corp R8C/29 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 471 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 313 of 441
REJ09B0279-0210
17. Hardware LIN
The hardware LIN performs LIN communication in cooperation with timer RA and UART0.
17.1
Features
The hardware LIN has the features listed below.
Figure 17.1 shows a Block Diagram of Hardware LIN.
Master mode
• Generates Synch Break
• Detects bus collision
Slave mode
• Detects Synch Break
• Measures Synch Field
• Controls Synch Break and Synch Field signal inputs to UART0
• Detects bus collision
NOTE:
1.
The WakeUp function is detected by INT1.
Figure 17.1
Block Diagram of Hardware LIN
Timer RA
UART0
Interrupt
control
circuit
Bus collision
detection
circuit
Synch Field
control
circuit
RXD0 input
control
circuit
RXD0 pin
TXD0 pin
LSTART bit
SBE bit
LINE bit
Timer RA
interrupt
TIOSEL = 0
Hardware LIN
TIOSEL = 1
RXD data
Timer RA
underflow signal
BCIE, SBIE,
and SFIE bits
UART0 transfer clock
UART0 TE bit
Timer RA output pulse
UART0 TXD data
MST bit
LINE, MST, SBE, LSTART, BCIE, SBIE, SFIE: Bits in LINCR register
TIOSEL: Bit in TRAIOC register
TE: Bit in U0C1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com