Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 319Page - Renesas Technology Corp R8C/29 Datasheet HTML 320Page - Renesas Technology Corp R8C/29 Datasheet HTML 321Page - Renesas Technology Corp R8C/29 Datasheet HTML 322Page - Renesas Technology Corp R8C/29 Datasheet HTML 323Page - Renesas Technology Corp R8C/29 Datasheet HTML 324Page - Renesas Technology Corp R8C/29 Datasheet HTML 325Page - Renesas Technology Corp R8C/29 Datasheet HTML 326Page - Renesas Technology Corp R8C/29 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 306 of 441
REJ09B0279-0210
16.3.5
Noise Canceller
The states of pins SCL and SDA are routed through the noise canceller before being latched internally.
Figure 16.43 shows a Block Diagram of Noise Canceller.
The noise canceller consists of two cascaded latch and match detector circuits. When the SCL pin input signal
(or SDA pin input signal) is sampled on f1 and two latch outputs match, the level is passed forward to the next
circuit. When they do not match, the former value is retained.
Figure 16.43
Block Diagram of Noise Canceller
C
DQ
Latch
C
DQ
Latch
Match
detection
circuit
SCL or SDA
input signal
Internal SCL
or SDA signal
f1 (sampling clock)
Period of f1
f1 (sampling clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com