Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 317Page - Renesas Technology Corp R8C/29 Datasheet HTML 318Page - Renesas Technology Corp R8C/29 Datasheet HTML 319Page - Renesas Technology Corp R8C/29 Datasheet HTML 320Page - Renesas Technology Corp R8C/29 Datasheet HTML 321Page - Renesas Technology Corp R8C/29 Datasheet HTML 322Page - Renesas Technology Corp R8C/29 Datasheet HTML 323Page - Renesas Technology Corp R8C/29 Datasheet HTML 324Page - Renesas Technology Corp R8C/29 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 304 of 441
REJ09B0279-0210
16.3.4.2
Transmit Operation
In transmit mode, transmit data is output from the SDA pin in synchronization with the falling edge of the
transfer clock. The transfer clock is output when the MST bit in the ICCR1 register is set to 1 and input when
the MST bit is set to 0.
Figure 16.41 shows the Operating Timing in Transmit Mode (Clock Synchronous Serial Mode).
The transmit procedure and operation in transmit mode are as follows.
(1) Set the ICE bit in the ICCR1 register to 1 (transfer operation enabled). Set bits CKS0 to CKS3 in the
ICCR1 register and set the MST bit (initial setting).
(2) The TDRE bit in the ICSR register is set to 1 by selecting transmit mode after setting the TRS bit in the
ICCR1 register to 1.
(3) Data is transferred from registers ICDRT to ICDRS and the TDRE bit is automatically set to 1 by
writing transmit data to the ICDRT register after confirming that the TDRE bit is set to 1. Continuous
transmission is enabled by writing data to the ICDRT register every time the TDRE bit is set to 1. When
switching from transmit to receive mode, set the TRS bit to 0 while the TDRE bit is set to 1.
Figure 16.41
Operating Timing in Transmit Mode (Clock Synchronous Serial Mode)
SDA
(output)
SCL
8
7
b7
b1
b0
12
ICDRT register
ICDRS register
Processing
by program
17
81
b6
b7
b0
b6
b0
TDRE bit in
ICSR register
1
0
TRS bit in
ICCR1 register
1
0
Data 1
Data 2
Data 3
Data 1
Data 2
Data 3
(2) Set TRS bit to 1
(3) Data write to
ICDRT register
(3) Data write to
ICDRT register
(3) Data write to
ICDRT register
(3) Data write to
ICDRT register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com