Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 314Page - Renesas Technology Corp R8C/29 Datasheet HTML 315Page - Renesas Technology Corp R8C/29 Datasheet HTML 316Page - Renesas Technology Corp R8C/29 Datasheet HTML 317Page - Renesas Technology Corp R8C/29 Datasheet HTML 318Page - Renesas Technology Corp R8C/29 Datasheet HTML 319Page - Renesas Technology Corp R8C/29 Datasheet HTML 320Page - Renesas Technology Corp R8C/29 Datasheet HTML 321Page - Renesas Technology Corp R8C/29 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 301 of 441
REJ09B0279-0210
16.3.3.5
Slave Receive Operation
In slave receive mode, the master device outputs the transmit clock and data, and the slave device returns an
acknowledge signal.
Figures 16.38 and 16.39 show the Operating Timing in Slave Receive Mode (I2C bus Interface Mode).
The receive procedure and operation in slave receive mode are as follows.
(1) Set the ICE bit in the ICCR1 register to 1 (transfer operation enabled). Set bits WAIT and MLS in the
ICMR register and bits CKS0 to CKS3 in the ICCR1 register (initial setting). Set bits TRS and MST in
the ICCR1 register to 0 and wait until the slave address matches in slave receive mode.
(2) When the slave address matches at the 1st frame after detecting the start condition, the slave device
outputs the level set in the ACKBT bit in the ICIER register to the SDA pin at the rise of the 9th clock
cycle. Since the RDRF bit in the ICSR register is set to 1 simultaneously, perform the dummy-read (the
read data is unnecessary because it indicates the slave address and R/W).
(3) Read the ICDRR register every time the RDRF bit is set to 1. If the 8th clock cycle falls while the
RDRF bit is set to 1, the SCL signal is fixed “L” until the ICDRR register is read. The setting change of
the acknowledge signal returned to the master device before reading the ICDRR register takes affect
from the following transfer frame.
(4) Reading the last byte is performed by reading the ICDRR register in like manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com