Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 316Page - Renesas Technology Corp R8C/29 Datasheet HTML 317Page - Renesas Technology Corp R8C/29 Datasheet HTML 318Page - Renesas Technology Corp R8C/29 Datasheet HTML 319Page - Renesas Technology Corp R8C/29 Datasheet HTML 320Page - Renesas Technology Corp R8C/29 Datasheet HTML 321Page - Renesas Technology Corp R8C/29 Datasheet HTML 322Page - Renesas Technology Corp R8C/29 Datasheet HTML 323Page - Renesas Technology Corp R8C/29 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 303 of 441
REJ09B0279-0210
16.3.4
Clock Synchronous Serial Mode
16.3.4.1
Clock Synchronous Serial Format
Set the FS bit in the SAR register to 1 to use the clock synchronous serial format for communication.
Figure 16.40 shows the Transfer Format of Clock Synchronous Serial Format.
When the MST bit in the ICCR1 register is set to 1, the transfer clock is output from the SCL pin, and when the
MST bit is set to 0, the external clock is input.
The transfer data is output between successive falling edges of the SCL clock, and data is determined at the
rising edge of the SCL clock. MSB-first or LSB-first can be selected as the order of the data transfer by setting
the MLS bit in the ICMR register. The SDA output level can be changed by the SDAO bit in the ICCR2 register
during transfer standby.
Figure 16.40
Transfer Format of Clock Synchronous Serial Format
SCL
b0
SDA
b1
b2
b3
b4
b5
b6
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com