Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 270Page - Renesas Technology Corp R8C/29 Datasheet HTML 271Page - Renesas Technology Corp R8C/29 Datasheet HTML 272Page - Renesas Technology Corp R8C/29 Datasheet HTML 273Page - Renesas Technology Corp R8C/29 Datasheet HTML 274Page - Renesas Technology Corp R8C/29 Datasheet HTML 275Page - Renesas Technology Corp R8C/29 Datasheet HTML 276Page - Renesas Technology Corp R8C/29 Datasheet HTML 277Page - Renesas Technology Corp R8C/29 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 257 of 441
REJ09B0279-0210
Figure 16.7
SSMR2 Register
SS Mode Register 2
Symbol
Address
After Reset
SSMR2
00BDh
00h
Bit Symbol
Bit Name
Function
RW
SCS
_____
pin open drain output
0 : CMOS output
select bit
1 : N-channel open drain output
SCS
_____
pin select bits(2)
b5 b4
0 0 : Functions as port
0 1 : Functions as SCS
_____
input pin
1 0 : Functions as SCS
_____
output pin(3)
1 1 : Functions as SCS
_____
output pin(3)
NOTES:
1.
2.
3.
4.
5.
b0
Refer to 16.2.2.1 Association betw een Data I/O Pins and SS Shift Register for information on combinations of
data I/O pins.
The SCS
_____
pin functions as a port, regardless of the values of bits CSS0 and CSS1 w hen the SSUMS
SCKS
SSCK pin select bit
0 : Functions as port
1 : Functions as serial clock pin
RW
b3 b2 b1
b7 b6 b5 b4
SOOS
SCKOS
SSUMS
CSOS
0 : Clock synchronous communication mode
1 : Four-w ire bus communication mode
SSCK pin open drain output
select bit
0 : CMOS output
1 : N-channel open drain output
CSS1
Clock synchronous serial I/O w ith
chip select mode select bit(1)
Serial data pin open output drain
select bit(1)
0 : CMOS output(5)
1 : N-channel open drain output
CSS0
RW
RW
RW
RW
RW
RW
The SSI pin and SSO pin corresponding port direction bits are set to 0 (input mode) w hen the SOOS bit is set to 0
(CMOS output).
The BIDE bit is disabled w hen the SSUMS bit is set to 0 (clock synchronous communication mode).
RW
BIDE
Bidirectional mode enable bit(1, 4)
0 : Standard mode (communication using 2
pins of data input and data output)
1 : Bidirectional mode (communication using
1 pin of data input and data output)
This bit functions as the SCS
_____
input pin before starting transfer.
bit is set to 0 (clock synchronous communication mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com