Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 269Page - Renesas Technology Corp R8C/29 Datasheet HTML 270Page - Renesas Technology Corp R8C/29 Datasheet HTML 271Page - Renesas Technology Corp R8C/29 Datasheet HTML 272Page - Renesas Technology Corp R8C/29 Datasheet HTML 273Page - Renesas Technology Corp R8C/29 Datasheet HTML 274Page - Renesas Technology Corp R8C/29 Datasheet HTML 275Page - Renesas Technology Corp R8C/29 Datasheet HTML 276Page - Renesas Technology Corp R8C/29 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 256 of 441
REJ09B0279-0210
Figure 16.6
SSSR Register
SS Status Register
(7)
Symbol
Address
After Reset
SSSR
00BCh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7. When accessing the SSSR register continuously, insert one or more NOP instructions betw een the instructions to
access it.
SSCRH register is set to 0 (operates as slave device) and the SCS
_____
pin input changes the level from “L” to “H” during
transfer, the CE bit is set to 1.
When the serial communication is started w hile the SSUMS bit in the SSMR2 register is set to 1 (four-w ire bus
communication mode) and the MSS bit in the SSCRH register is set to 1 (operates as master device), the CE bit is set
to 1 if “L” is applied to the SCS
_____
pin input. Refer to 16.2.7 SCS
_____
Pin Control and Arbitration for more information.
When the SSUMS bit in the SSMR2 register is set to 1 (four-w ire bus communication mode), the MSS bit in the
Indicates w hen overrun errors occur and receive completes by error reception. If the next serial data receive
operation is completed w hile the RDRF bit is set to 1 (data in the SSRDR register), the ORER bit is set to 1. After the
ORER bit is set to 1 (overrun error), transmit and receive operations are disabled w hile the bit remains 1.
The TDRE bit is set to 1 w hen the TE bit in the SSER register is set to 1 (transmit enabled).
Bits TEND and TDRE are set to 0 w hen w riting data to the SSTDR register.
The RDRF bit is set to 0 w hen reading out the data from the SSRDR register.
TEND
Transmit end(1, 5)
0 : The TDRE bit is set to 0 w hen transmitting
the last bit of transmit data
1 : The TDRE bit is set to 1 w hen transmitting
the last bit of transmit data
RW
RW
0 : No data in SSRDR register
1 : Data in SSRDR register
Receive data register full
(1,4)
—
(b4-b3)
CE
Conflict error flag(1)
0 : No conflict errors generated
1 : Conflict errors generated(2)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
0 : No overrun errors generated
1 : Overrun errors generated(3)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RW
RW
—
Overrun error flag(1)
—
b7 b6 b5 b4
TDRE
Transmit data empty(1, 5, 6)
0 : Data is not transferred from registers SSTDR to
SSTRSR
1 : Data is transferred from registers SSTDR to
SSTRSR
RDRF
—
(b1)
b0
Writing 1 to CE, ORER, RDRF, TEND, or TDRE bits invalid. To set any of these bits to 0, first read 1 then w rite 0.
b3 b2 b1
RW
ORER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com