Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 267Page - Renesas Technology Corp R8C/29 Datasheet HTML 268Page - Renesas Technology Corp R8C/29 Datasheet HTML 269Page - Renesas Technology Corp R8C/29 Datasheet HTML 270Page - Renesas Technology Corp R8C/29 Datasheet HTML 271Page - Renesas Technology Corp R8C/29 Datasheet HTML 272Page - Renesas Technology Corp R8C/29 Datasheet HTML 273Page - Renesas Technology Corp R8C/29 Datasheet HTML 274Page - Renesas Technology Corp R8C/29 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 254 of 441
REJ09B0279-0210
Figure 16.4
SSMR Register
SS Mode Register
Symbol
Address
After Reset
SSMR
00BAh
00011000b
Bit Symbol
Bit Name
Function
RW
Reserved bit
NOTE:
1.
1
MSB first/LSB first select bit
MLS
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
(b3)
—
(b4)
CPHS
CPOS
SSCK clock polarity select bit(1)
b7 b6 b5 b4 b3 b2 b1 b0
Refer to 16.2.1.1 Association betw een Transfer Clock Polarity, Phase, and Data for the settings of the CPHS
and CPOS bits.
RO
BC1
BC2
Bits counter 2 to 0
b2 b1 b0
0 0 0 : 8 bits left
0 0 1 : 1 bit left
0 1 0 : 2 bits left
0 1 1 : 3 bits left
1 0 0 : 4 bits left
1 0 1 : 5 bits left
1 1 0 : 6 bits left
1 1 1 : 7 bits left
BC0
RO
RO
SSCK clock phase select bit(1)
0 : “H” w hen clock stops
1 : “L” w hen clock stops
Set to 1.
When read, the content is 1.
RW
RW
RW
—
RW
0 : Transfers data MSB first
1 : Transfers data LSB first
0 : Change data at odd edge
(Dow nload data at even edge)
1 : Change data at even edge
(Dow nload data at odd edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com