Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 237Page - Renesas Technology Corp R8C/29 Datasheet HTML 238Page - Renesas Technology Corp R8C/29 Datasheet HTML 239Page - Renesas Technology Corp R8C/29 Datasheet HTML 240Page - Renesas Technology Corp R8C/29 Datasheet HTML 241Page - Renesas Technology Corp R8C/29 Datasheet HTML 242Page - Renesas Technology Corp R8C/29 Datasheet HTML 243Page - Renesas Technology Corp R8C/29 Datasheet HTML 244Page - Renesas Technology Corp R8C/29 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 224 of 441
REJ09B0279-0210
14.4.2
Output Compare Mode
In output compare mode, the internal count source divided by 2 is counted using the 4-bit or 8-bit counter and
compare value match is detected with the 8-bit counter. Figure 14.71 shows a Block Diagram of Output
Compare Mode and Table 14.27 lists the Specifications of Output Compare Mode. Figures 14.72 to 14.76 show
the registers associated with output compare mode, and Figure 14.77 shows the Operating Example in Output
Compare Mode.
Figure 14.71
Block Diagram of Output Compare Mode
NOTE:
1. For J, K version, fC4 cannot be selected.
Table 14.27
Specifications of Output Compare Mode
Item
Specification
Count sources
f4, f8, f32, fC4(1)
Count operations
• Increment
• When the 8-bit counter content matches with the TREMIN register content,
the value returns to 00h and count continues. The count value is held while
count stops.
Count period
• When RCS2 = 0 (4-bit counter is not used)
1/fi x 2 x (n+1)
• When RCS2 = 1 (4-bit counter is used)
1/fi x 32 x (n+1)
fi: Frequency of count source
n: Setting value of TREMIN register
Count start condition
1 (count starts) is written to the TSTART bit in the TRECR1 register
Count stop condition
0 (count stops) is written to the TSTART bit in the TRECR1 register
Interrupt request
generation timing
When the 8-bit counter content matches with the TREMIN register content
Read from timer
When reading the TRESEC register, the 8-bit counter value can be read.
When reading the TREMIN register, the compare value can be read.
Write to timer
Writing to the TRESEC register is disabled.
When bits TSTART and TCSTF in the TRECR1 register are set to 0 (timer
stops), writing to the TREMIN register is enabled.
Select functions
Select use of 4-bit counter
fC4(1)
f32
f4
f8
4-bit
counter
8-bit
counter
TRESEC
TREMIN
1/2
RCS2 = 1
RCS2 = 0
COMIE
Timer RE interrupt
Match
signal
= 00b
= 01b
= 10b
= 11b
RCS1 to RCS0
TRERST, TOENA: Bits in TRECR1 register
COMIE: Bit in TRECR2 register
RCS0 to RCS2: Bits in TRECSR register
TQ
R
Reset
TRERST bit
Data bus
Comparison
circuit
NOTE:
1. For J, K version, fC4 cannot be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com