Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 233Page - Renesas Technology Corp R8C/29 Datasheet HTML 234Page - Renesas Technology Corp R8C/29 Datasheet HTML 235Page - Renesas Technology Corp R8C/29 Datasheet HTML 236Page - Renesas Technology Corp R8C/29 Datasheet HTML 237Page - Renesas Technology Corp R8C/29 Datasheet HTML 238Page - Renesas Technology Corp R8C/29 Datasheet HTML 239Page - Renesas Technology Corp R8C/29 Datasheet HTML 240Page - Renesas Technology Corp R8C/29 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 220 of 441
REJ09B0279-0210
Figure 14.66
TRECR1 Register in Real-Time Clock Mode
Figure 14.67
Definition of Time Representation
Timer RE Control Register 1
Symbol
Address
After Reset
TRECR1
011Ch
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b3 b2
INT
b1 b0
0
—
(b0)
b7 b6 b5 b4
—
TCSTF
RO
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Timer RE count status flag
0 : Count stopped
1 : Counting
Reserved bit
Set to 0.
This bit is automatically modified w hile timer RE counts.
—
(b2)
RW
RW
TSTART
Timer RE count start bit
0 : Count stops
1 : Count starts
RW
Interrupt request timing bit
Set to 1 in real-time clock mode.
PM
A.m./p.m. bit
When the H12_H24 bit is set to 0
(12-hour mode)(1)
0 : a.m.
1 : p.m.
When the H12_H24 bit is set to 1 (24-hour
mode), its value is undefined.
TRERST
Timer RE reset bit
When setting this bit to 0, after setting it to 1, the
follow ings w ill occur.
• Registers TRESEC, TREMIN, TREHR, TREWK,
and TRECR2 are set to 00h.
• Bits TCSTF, INT, PM, H12_H24, and TSTART
in the TRECR1 register are set to 0.
• The 8-bit counter is set to 00h and
the 4-bit counter is set to 0h.
RW
RW
H12_H24
Operating mode select bit
0 : 12-hour mode
1 : 24-hour mode
RW
Noon
H12_H24 bit = 1
(24-hour mode)
Contents of PM bit
0 (a.m.)
1 (p.m.)
Contents of
TREHR Register
H12_H24 bit = 0
(12-hour mode)
Contents in TREWK register
000 (Sunday)
0
1
2
3
4
5
7
9
11
13
15
17
6
8
10
12
14
16
0
1
2
3
4
5
7
9
11
1
3
5
6
8
10
0
2
4
H12_H24 bit = 1
(24-hour mode)
Contents of PM bit
1 (p.m.)
Contents of
TREHR Register
H12_H24 bit = 0
(12-hour mode)
Contents in TREWK register
000 (Sunday)
18
19
20
21
22
23
1
3
0
2
⋅⋅⋅
6
7
8
9
10
11
1
3
0
2
Date changes
⋅⋅⋅
⋅⋅⋅
0 (a.m.)
001 (Monday)
⋅⋅⋅
PM bit and H12_H24 bits: Bits in TRECR1 register
The above applies to the case when count starts from a.m. 0 on Sunday.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com