Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 18Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 19Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 20Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 21Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 22Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 23Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 24Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
21
April 18, 2018
8. Schematics
Figure 7. Schematic – Central Control Unit
22kR17
GND
100N
C14
GND
GND
+5V
K23
IC6
C
B
A
IC6c
HC 4066 SMD
C
B
A
IC6b
HC 4066 SMD
0
R14
0
R13
K22
GND
K21
GND
+5V
A1
COM
NO4
NO3
NO2
NO1
A0
EN
MAX4634EUB
IC5
+5V
K20
update MCB
GND
HV
KL5
HV
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul12
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul11
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul10
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul9
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul8
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul7
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul6
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul5
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul4
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul3
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul2
A-MESS
/ANAOUT
/ZACWIRE
SDA
SCL
#2
#1
ALL
Modul1
GND
KL4
KL3
K14
K6
K1X2
+5V
GND
GND
GND
GND
+5V
+5V
LED
D6
gn
LED
D5
gn
LED
D4
gn
LED
D3
gn
620
R8
620
R7
620
R6
620
R5
GND
K2X3
K4
+5V
10k
R4
10k
R3
10k
R2
IC4
IC3
Ry
Ty
Tx
Sy
Sx
Rx
P82B96_SOP8
IC3
+3V...+5V
GND
KL2
WSL-50POL_a
K3
BUCHSE-WBL-50pol
K2
SM4001
D2
+8...+12V
GND
KL1
reset
22p
C3
22p
C2
10k
R1
100n
C1
SM4001
D1
GND
GND
GND
GND
12MHz
Q1
+5V
LM7805
IC2
IC1
PE5
PE7
PE6
PE4
PE3
PE2
PE1
PE0
PD3
PD2
PD1
PD0
XTAL1
XTAL2
PG4
PG3
PG1
PG0
PD7
PD6
PD5
PD4
PF3
PF4
PF5
PF6
PF7
PG2
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PG4
PG4
PG4
PG4
PD2
PD2
PD3
PD3
CB-SCL
CB-SCL
CB-SCL
CB-SDA
CB-SDA
CB-SDA
CB-D2
TXD
TXD
LINwire
LINwire
LINwire
D3
D3
D3
D2
D2
D2
RXD
RXD
RXD
RXD
ADC
ADC
ADC
OWI
OWI
OWI
SSC-SDA
SSC-SDA
TX
+5V
#24
#23
#22
#21
#20
#19
#18
#17
#15
#16
#14
#13
#12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
A-MESS
/ANAOUT
/ZACWIRE
SDA
SDA
SCL
SCL
ALL
BUS Power
AOUT
I²C Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com