Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 2Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 3Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 4Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 5Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 6Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 7Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 8Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 9Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
6
April 18, 2018
2. Pin Assignments
Table 1.
MCB Pin Assignments
Pin Number (MCB Connectors K2 and K3)
Signal
Description
All even pin numbers
GND
Connected with the negative MCB board supply
1, 3, 5, 7, 9, 15, 17, 19, 21, 23,
31, 33, 37, 43, 45, 47, 49
n.c.
Not connected internally
11
CB-SCL
Buffered clock signal for communication
13
CB-SDA
Buffered data signal for communication
25
OWI
OWI signal from/to SSC CB
27
ADC
Analog output voltage to 10 bit-ADC of SSC CB
29
LIN
LIN signal from/to SSC CB
35
RXD
READ DATA channel of the MCB microcontroller’s UART
39
D2
Not used (feedback for MCB V2.0 and thus connected through next
MCB)
41
D3
MCB feedback answer
Table 2.
Pin Assignment MCB-Module (DUT)
Also see Figure 4 for the layout of the connector.
Pin number (DUT terminals)
Signal
Pin Name
Description
All even pin numbers
GND
GND
Connected with the negative MCB board supply
1
VDDA
VDDA
Positive DUT supply (switched by a PMOS)
3
SCL
SCL
Clock signal for communication (only I2C)
5
SDA
SDA
Data signal for communication
7
HV
HV-DUT
Connected to HV-DUT (KL5)
9
AOUT
OWI/LIN
Analog voltage output or OWI/LIN interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com