Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 10Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 11Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 12Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 15Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 16Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
14
April 18, 2018
The D3 LED displays the status of the power supply for the MCB’s microcontroller.
Figure 5. D3 Status LED for MCB Microcontroller
D3 Status LED
5.3
MCB Jumper Setup
Table 7 gives a general overview of the MCB jumper settings.
Table 7.
General Jumper Setup for the MCB V2.1
Jumper
Identifier
Description
Jumpers Related to Basic Functions
K4
(Address Bits [2,0])
“Board ID”
(see Figure 1)
3-bit binary weighted MCB address:
Assign first MCB to address 000BIN.
Assign remaining MCBs in ascending order.
See Figure 1 for the bit assignments for the jumpers, and see Table 8 for a more
detailed description of jumper settings.
K6
“Analog Out”
(see Figure 1)
The K6 jumper connector is located near the microprocessor and is in parallel with
KL4 (“AOUT”).
Leaving K6 open selects the analog voltage output measurement.
A jumper on
K6 shorts KL4 to ground.
K20
“update MCB”
(see Figure 1)
Only install this jumper if the firmware is to be updated.
Remove jumper in normal operational mode!
Jumpers Related to Power Supplies
K14 “VDD_DUT”
Short center pin to “int(5P)”
Internal Supply Mode
If the K14 jumper is set to “int(5P),” the MCB, DUT, and communication lines are
powered by the MCB’s 5V supply voltage regulator (via KL1 with 8 to 16V VDC).
Short center pin to “extern”
External Supply Mode [a]
If the K14 jumper is set to “extern,” the DUTs are supplied with power via KL2 or K18
(VDD_DUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com