Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 12Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 15Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 16Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 18Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 19Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
16
April 18, 2018
6. Communication Settings
The SSC MCB V2.1 contains a microcontroller with an internal 8-bit RISC processor. The serial communication between the MCB
microcontroller and the SSC CB microcontroller is handled their standard UART interfaces. All functions of the MCB can be controlled by the
SSC CB. In the simplest case, a terminal program (e.g., Hyper Terminal) with the following configuration can communicate via the corresponding
virtual COM port using defined commands with the hardware.
Baud rate: 19200
Data bits: 8
Stop bits: 1
Parity:
None
The Evaluation Software includes a small terminal program, adapted to the communication parameters of the SSC CB. The communication
procedures of the various software modules are based on this model. The possible commands can be classified as READ, WRITE, or SPECIAL
commands. Every command sent to the hardware will be answered by a “value” or an error code. For the DUT’s typical data structures, refer
to the Functional Description for the specific IDT SSC DUT, which is available on the product’s page on IDT’s web site www.IDT.com.
6.1
Commands for the Mass Calibration Board
The known command set of the SSC CB is valid for the MCB as described in the SSC Communication Board Datasheet. There is an additional
command “X.” This command “X” does not affect the SSC CB directly; however, a monitoring of the MCB’s ACKNOWLEDGE signal is initialized.
The SSC CB forwards these ACKNOWLEDGE signals or an error code (in the event of a NO ACKNOWLEDGE) to the user’s computer. A
command can be extended by the MCB’s pre-command segment.
Syntax of this pre-command segment:
Xa.........:
The command starts with “X” and is finished with “:”
“a” is the ID of the MCB to be addressed.
There are different types of syntax:
1. Standard “Port Set/Read” commands are running on the MCB itself.
(The CB forwards the MCB’s ACKNOWLEDGE signal to the user’s computer only!)
Example:
X1PS_A01:X  Port A0 of the MCB with address “1” is Set to“1”
2. Control of the logic sensor Channels (1 to 24)
(“C” symbolizes “Channel” and “_” is a wild card character.)
(Channel “99” addresses the entire 24 sensor Channels simultaneously.)
Example:
X4C_221:X  Channel 22 of the MCB with address “4” is set to “1”
(= power supply of this Channel is turned ON by a power transistor.)
Example:
X9C_990:X  all (99) Channels of all MCBs (9) are set to “0”
(= power supply to all Channels is turned OFF with this command.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com