| Electronic Components Datasheet Search |
|
SSCMASSCALIBDV2P1 Datasheet(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SSCMASSCALIBDV2P1 Datasheet(HTML) 12 Page - Renesas Technology Corp |
|
12 / 27 page ![]() SSC Mass Calibration Board V2.1 Datasheet © 2018 Integrated Device Technology, Inc. 12 April 18, 2018 5. Setup Refer to the Mass Calibration System Kit Description for the specific product for specific setup instructions. 5.1 Kit Hardware Connections 5.1.1 DUT Control and Connector DUTs can be connected using the MCB’s standard rectangular plug connectors, which have a locking mechanism. The power supply of individual DUTs is switched ON/OFF via a PMOS transistor, which is controlled by the Evaluation Software. This allows the multiplexing of the DUTs and access to individual DUTs via a unique address. Figure 4. Pin Assignment of DUT Connector GND GND GND GND GND VDDA SCL SDA HV_DUT OWI/LIN Depending on the interface selected (I2C/LIN/OWI), the communication channel is connected via electronic switches controlled by the Evaluation Software (see Figure 4). The LIN interface (see section 4.5.4) is supported by the ZSSC3170 (in place of the OWI interface). 5.1.2 ISP and C-IF Connectors The MCB has an ISP interface for programming the microcontroller of the MCB. This programming is done at IDT, and it is not necessary to connect this interface. The connection between the MCB at address 0 (i.e., connected to the SSC CB) and the subsequent MCBs is via a 50-pin connector (refer to Figure 1). These communication interfaces (C-IF) are described in Table 5. Table 5. C-IF Connectors Screw Terminal Identifier on MCB Description K2 “C-IF_in” For the first MCB, connect K2 to the SSC CB. Important: Do not connect an MCB V2.0 at this connector (i.e., MCB address 0) to avoid communication problems. See page 2 regarding compatibility with previous version MCBs. For the subsequent MCBs, connect K2 to the previous MCB. K3 “C-IF_out” Connect K3 to the next MCB, which can be either an MCB V2.0 or an MCB V2.1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |