Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 16Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 18Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 19Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 20Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 21Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 22Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 23Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
20
April 18, 2018
CMD#
Command
Description
5
a_1RRR
Use the SSC CB’s ADC for analog output voltage measurement.
=>
Delivers averaged value of “R” samples with R = 0 to 255, 3 characters required. The result
is referenced and ratiometric to the SSC CB’s VDDA. 10-bit resolution: minimum is 0000HEX;
the maximum is 03FFHEX.
6
x9c_990:x
Close all open communication/measurement channels on all MCBs.
Loop end
7
x9ca0:x
Disable analog output measurement for all connected MCBs.
8
x9cp0:x
Power off all DUTs at all MCBs.
Recommendations for Commands:
X$c_##1:x
Only one DUT on one MCB can be active at a time when using an external digital multimeter on every MCB via KL4 or K6 =>
use x$ps_G0*:x and x$ps_F4*:x, “9” for “$” is allowed.
X$c_##1:x
Only one DUT on all MCBs can be active at a time when using only one external digital multimeter or the CB’s ADC => use
X$ca*:x, “9” for “$” is permitted.
X$ca*:x
Processing of x$ps_F3*:x, x$ps_F4*:x and x$ps_G0*:x
x$ps_G0*:x Activate/deactivate the MCB’s analog output mode (ATMEGA port G0).
* = 0 or 1
“1” for activation of the port and “0” for deactivation of the port.
x$ps_F3*:x Connect/disconnect the DUT’s analog output to the SSC CB’s 10-bit ADC (ATMEGA port F3).
x$ps_F4*:x Connect/disconnect the DUT’s analog output to KL4 and K6 (ATMEGA port F4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com