Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 15Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 16Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 18Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 19Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 20Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 21Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
18
April 18, 2018
7. Application Recommendations
The MCB hardware controls the power supply of the connected DUTs, which are powered via pin 1 on the DUT connectors (VDDA). The DUTs
can be supplied by the internally generated 5 VDC supply voltage if the DUT’s supply voltage is 5V.
The option to supply the DUTs via the MCB’s screw terminal KL2 (“VDD_DUT”) or K18 must be used if the DUT’s supply voltage differs from
the MCB’s supply voltage. This potential is limited to a maximum of 0.5V more than the MCB’s supply voltage; i.e., 5.5V.
7.1
DUT Supply Voltages Higher than the MCB’s Supply Voltage
Using the circuit shown in Figure 6, a DUT supply > 5.5VDC can be used without restrictions regarding the mass calibration functionalities of
the MCS. With this adaptation board, the internal VDDA voltage of the DUT is limited to a maximum of 5VDC (refer to the datasheet for the
SSC DUT regarding voltage regulator adjustment, if applicable).
The following adjustments must be done on the MCB:
Put a jumper shunt on K14 (“VDD_DUT”) set to “int(5P).”
Put a jumper shunt on K23 (“BUS Power”) set to “+5V.”
Figure 6. DUT Connection Circuitry for High Voltage DUT Supply
V < 40VDC
+
_
100nF
27k
1nF
27k
3k3
VDDA
MCB
DUT
Connector
1
VZ = 3.6V
4k7
470k
BC847p
DUT
In this example, the DUT
requires a V+ supply
voltage greater than the
DUT supply VDDA
V+
SCL
SDA
VOUT
GND
IDT offers the MCS Power Switch Board V1.0 module for the ZSC31010 and ZSC31050 DUTs, which fits in the terminals of the MCB and allows
supplying the DUTs with voltages up to 40VDC. For additional information, contact IDT Sales. For order information, refer to the SSC Mass
Calibration System Feature Sheet.
A voltage divider and buffer for the DUT’s output voltage (VOUT) must be used when using the MCB’s analog output voltage multiplexing
function if the maximum output voltage of the DUT is greater than 5V (e.g., 0 to 10V output). This divides the output signal so that it is in a range
smaller than 5V.
Note that in this case, the communication potentials are pulled high (open drain!) using the VDDA supply potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com