Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 9Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 10Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 11Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 12Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 15Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 16Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
13
April 18, 2018
5.2
Power Supply Options
The MCB has four screw terminals for supply voltages as described in Table 6 and shown in Figure 1. See section 3 for specifications for these
supply voltages. For jumper settings for different operation modes, refer to Table 6.
Table 6.
Screw Terminals on the MCB V2.1
Screw Terminal
and Related
2-Pin Connector
Identifier on MCB
Description
KL1 (K17)
“Board Supply”
The “Board Supply” power can be connected at either the KL1 screw
terminal or the 2-pin K17 connector. [a]
The screw terminal or 2-pin connector is used for an internal power supply
of the MCB hardware.
This required power supply must be in the range of 8 to 16 VDC.
KL2 (K18)
“VDD_DUT”
The external “VDD_DUT” power supply is necessary if the DUT is to be
powered with a voltage lower than 5V.
This DUT power supply can be connected at either KL2 or the 2-pin K18
connector. [a]
A power supply in the range of 2.7 to 5.5 VDC can be connected.
See section 5.3 for detailed jumper setting information.
KL3
“I2C Power”
The external “I2C_Power” power supply is recommended if the external
“VDD_DUT” power supply is used.
A power supply in the range of 2.7 to 5.5 VDC can be connected.
See section 5.3 for detailed jumper setting information.
KL5 (K19)
“HV-DUT”
An external “HV-DUT” power supply can be connected at either KL5 or the
at 2-pin K19 connector [a] to provide a high voltage (HV-DUT) at the DUT
connector (see section 5.1.1).
A power supply in the range of 8 to 40 VDC can be connected.
[a] Warning: Never short-circuit connectors K17, K18, or K19!
The main power supply of the MCB is provided by a standard 7805-type linear voltage regulator. Its primary supply voltage must be within a
range of 8 to 16 VDC and connected to KL1. If jumper shunts are installed on K14 to “int (5P)” and on K23 to “+5V,” no additional power supply
is needed for DUTs that require a 5V power supply (see Table 6 for detailed information for jumper settings).
For supplying DUTs with voltages below 5 VDC, it is possible to connect an external power supply via the screw terminals KL2 (for the DUTs)
and KL3 (for I2C communication). In this case, the K23 jumper connector must be shorted to “I2C Power” and the K14 jumper connector must
be shorted with “extern.” Recommendation: Supply both the DUTs and the I2C communication from the same power supply to avoid
malfunctions during communication.
To supply DUTs directly with high voltage, a separate HV-DUT power supply connector (up to 40VDC) is provided. This power supply is
connected directly to the HV-DUT pin on all DUT connectors. See section 5.1.1 for more details.
The screw terminals KL1, KL2, and KL5 have alternate 2-pin connectors (see Table 6) so that a power supply unit can be easily attached or
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com