Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SSCMASSCALIBDV2P1 Datasheet HTML 1Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 2Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 3Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 4Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 5Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 6Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 7Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 8Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
2
April 18, 2018
Important Notes
Disclaimer
Integrated Device Technology, Inc. and its affiliated companies (herein referred to as “IDT”) shall not be liable for any damages arising out of defects resulting from
(i)
delivered hardware or software
(ii) non-observance of instructions contained in this manual and in any other documentation provided to user, or
(iii) misuse, abuse, use under abnormal conditions, or alteration by anyone other than IDT.
TO THE EXTENT PERMITTED BY LAW, IDT HEREBY EXPRESSLY DISCLAIMS AND USER EXPRESSLY WAIVES ANY AND ALL WARRANTIES, WHETHER
EXPRESS, IMPLIED, OR STATUTORY, INCLUDING, WITHOUT LIMITATION, IMPLIED WARRANTIES OF MERCHANTABILITY AND OF FITNESS FOR A
PARTICULAR PURPOSE, STATUTORY WARRANTY OF NON-INFRINGEMENT, AND ANY OTHER WARRANTY THAT MAY ARISE BY REASON OF USAGE
OF TRADE, CUSTOM, OR COURSE OF DEALING.
Restrictions in Use
IDT’s Mass Calibration System (MCS), consisting of the Communication Board (SSC CB), Mass Calibration Board (MCB), and the ZSSCxxxx Evaluation Software,
is designed for sensor module evaluation, laboratory setup and the module’s mass calibration development only.
IDT’s Mass Calibration System (MCS) must not be used for module production and production test setups.
Firmware Compatibility
The current version of the SSC CB is V4.1. For previous SSC CB versions, if the firmware version is earlier than V2.19a, the board will not be able to communicate
with the SSC Mass Calibration Board V2.1. In this case, it is necessary update the firmware, which can be downloaded from www.IDT.com/SSC-MCB. For details
about the update procedure, refer to the SSC Communication Board Application Note – Firmware Updates available at www.idt.com/ssc-cb.
Compatibility with Previous MCB Versions
If the MCB V2.1 is to be used with a previous version MCB V2.0, refer to the ZSC31xxx/ZSSC3xxx MCS Application Note – Mass Calibration Board Interaction
(available upon request). Do not connect a previous version MCB V2.0 as the first MCB connected to the SSC CB.
Contents
1.
MCB – Overview...........................................................................................................................................................................................5
2.
Pin Assignments...........................................................................................................................................................................................6
3.
Electrical Characteristics ..............................................................................................................................................................................7
4.
Circuit Description ........................................................................................................................................................................................8
4.1
General Information ...........................................................................................................................................................................8
4.2
Communication Interface to User’s Computer ...................................................................................................................................8
4.3
Firmware Version...............................................................................................................................................................................9
4.4
Software for the Mass Calibration System .........................................................................................................................................9
4.5
Addressing and Communication Options.........................................................................................................................................10
4.5.1
Communication Interface Multiplexer................................................................................................................................10
4.5.2
Using the I2C Interface .....................................................................................................................................................11
4.5.3
Using the OWI Interface....................................................................................................................................................11
4.5.4
Using the LIN Interface .....................................................................................................................................................11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com