Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 6Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 7Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 8Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 9Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 10Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 11Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 12Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
10
April 18, 2018
4.5
Addressing and Communication Options
The MCB supports I2C, LIN, and OWI communication interfaces. The communication is controlled by the SSC CB’s microcontroller only. The
MCB’s microcontroller only controls the DUT’s multiplexing and communicates via a separate channel with the microcontroller of the SSC CB.
A multiplexer (IC5 – MAX4634EUB) selects the communication interface. The control signals of the multiplexer are generated by the MCB’s
microcontroller and are described in section 4.5.1.
A total of eight MCBs can be connected in series via the connectors K2 and K3. The MCB with the hardware address “0” must be connected to
the SSC CB at K2 (see Figure 2).The address for each MCB must be set manually to a unique address via the position of jumper shunts on K4
on each board (see Figure 1). The MCB’s addresses must be in sequence (inverted logic: floating jumper = “0”). The D4, D5, and D6 LEDs
display the configured address of the MCB. Details about setting the MCB address can also be found in Table 6.
A bus repeater (IC3 – P82B96T) interfaces between the two voltage levels at KL2 and KL3. This bus repeater has no pull-up resistors on the
SDA and SCL pins on the primary side. These pull-ups are not needed because the SSC CB generates the bus levels on SDA and SCL via a
4.7kΩ pull-up resistor. The OWI interface is pulled up with a 22kΩ resistor between connector K2 and the multiplexer IC on the MCB.
On the secondary side, there are 4.7kΩ pull-up resistors. If there are very heavy capacitive loads at the SCL, SDA, or OWI line, it might be
necessary to decrease these pull-ups so that drive capability increases and timing requirements of the I2C protocol specification are fulfilled
again. Pull-up resistor and communication-line load capacitance must be adapted in the application to the selected communication speed.
Communication conditions are described in detail in the IDT datasheet for the SSC DUT.
The MCB provides different pull-ups:
SCL: Standard 4.7kΩ (additional 1.5kΩ can be switched on)
SDA: Standard 4.7kΩ (additional 1.5kΩ and 470Ω can be switched on)
If the MCB’s pull-up does not fit the communication requirements of the application, then it is possible to add an additional parallel pull-up
resistor between the DUT and the connector:
Pin 1 and pin 3 of the DUT connector for SCL
Pin 1 and pin 5 of the DUT connector for SDA or one-wire communication
4.5.1 Communication Interface Multiplexer
The MCB V2.1 uses a multiplexer to select the communication interface. This IC (MAX4634) selects one communication channel from four
input channels. Since only three interfaces are useable, the last input channel is connected to ground. The connection of this IC can also be
found in schematic of MCB’s Central Control Unit in Figure 7. The multiplexer needs two signals that select the communication interface.
If an MCB firmware version later than V2.00a is used, then these two signals will be controlled automatically by the following command, which
enables the communication interface. The firmware version can be detected as described in section 4.3.
X9CZ1:X  Communication interface OWI for all MCBs (9) is enabled (“1“)  OWI selected
X9CZ0:X  Communication interface OWI for all MCBs (9) is disabled (“0“)  I2C selected
If MCB firmware V2.00a is used,1 then in addition to the “X9CZp:X” command, these signals must be set manually via the following commands
before an interface command is sent. For details of commands, refer to SSC Communication Board Command Syntax.
X9PS_D20:X  Port D2 of all MCBs (9) is Set to “0”
X9PS_D31:X  Port D3 of all MCBs (9) is Set to “1”
1
Firmware version can be detected as described in section 4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com