Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 5Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 6Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 7Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 8Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 9Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 10Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 11Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 12Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
9
April 18, 2018
4.3
Firmware Version
For SSC CB versions earlier than V4.1, see the important notice on page 2 regarding firmware compatibility.
The MCB’s firmware version string can be read via the following command, where the number shown in green is the address of the MCB (see
section 4.5). The SSC Terminal Program (downloadable from www.IDT.com/SSC-MCB) can also be used for this. This command will return
the version string of the MCB with this address; for example “1” for the second MCB.
X1V:X  read Version string of MCB with address 1
In the event that a firmware update is required for the MCB, the MCB provides an ISP interface to program its own microcontroller. To enable
this, short jumper K20 (“update MCB”) when the firmware of µC must be updated.
Important: Do not connect the jumper on K20 during normal operation.
The serial communication between the MCB’s microcontroller and the CBs microcontroller is via their standard UART interfaces. The SSC
Terminal Program or any other terminal program can be used to send commands to the SSC CB and MCB. Figure 3 shows the readout of
different firmware strings.
COM Port Settings:
Baud rate: 19200
Data bits: 8
Stop bits: 1
Parity:
none
Figure 3. IDT SSC Terminal Program
Enter command here
Firmware version MCB #1
Firmware version MCB #0
4.4
Software for the Mass Calibration System
Refer to the SSC Mass Calibration System Feature Sheet for a list of the IDT SSC IC products that can be configured, calibrated, and evaluated
using the MCS. Each of these products has its own SSC Evaluation Software, which can be downloaded from the product pages for the
individual products on the IDT website www.IDT.com. This product-specific SSC Evaluation Software is also used for the MCS. Refer to the
documentation for the product’s SSC Evaluation Kit for instructions for installing and using the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com