Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 7Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 8Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 9Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 10Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 11Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 12Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
11
April 18, 2018
Table 4 lists all combinations of pins D2 and D3 and the resulting communication interface.
Table 4.
Interface Configuration
Pin D3 (Associated Command)
Pin D2 (Associated Command)
Communication Interface
0 (X9PS_D30:X)
0 (X9PS_D20:X)
I2C
0 (X9PS_D30:X)
1 (X9PS_D21:X)
OWI
1 (X9PS_D31:X)
0 (X9PS_D20:X)
LIN
1 (X9PS_D31:X)
1 (X9PS_D21:X)
None (GND)
4.5.2 Using the I2C Interface
For I2C communication, the MCB’s pull-up resistors and total capacitive load (load capacitance of DUTs/sensor modules at the SCL and SDA
lines and communication cable) must be fitted. See the datasheet for the specific IDT SSC DUT for the I2C protocol and timing details.
4.5.3 Using the OWI Interface
For OWI communication, the MCB’s pull-up resistor and total capacitive load (load capacitance of DUTs/sensor modules at the OUT pin and
communication cable) must be fitted. A load capacitance of 15nF requires a ~330Ω pull-up resistor, and 2.2nF requires approximately 4.7kΩ.
See the datasheet for the specific IDT SSC DUT for OWI protocol and timing details.
4.5.4 Using the LIN Interface
The ZSSC3170 is an IDT SSC DUT that provides a LIN interface. LIN communication using the MCS had not yet been evaluated.
4.6
Mass Calibration Reference Board (MCR)
The Mass Calibration Reference Board (MCR) can be used for communication verification of software and the MCB. The MCR supports I2C
and OWI communication. Each MCS includes four MCRs, which are product dependent. The MCR also has a sensor bridge replacement. Refer
to the product’s Evaluation Kit document for details about the MCR.
4.7
Analog Voltage Output Measurement
The analog output voltage of an individual DUT can be measured at the KL4 screw terminal if the K6 jumper connector is open. If K6 is shorted
by a jumper shunt, then KL4 is shorted directly to GND. The K6 jumper should be left open if the analog voltage output is to be measured. The
addressing of the DUT is controlled by the Evaluation Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com