Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SSCMASSCALIBDV2P1 Datasheet HTML 1Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 2Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 3Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 4Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 5Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 6Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 7Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 8Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
1
April 18, 2018
Description
The SSC Mass Calibration System (MCS) enables simple and
intuitive handling of calibration and evaluation of a larger number
of sensor systems based on IDT’s Sensor Signal Conditioner ICs
(SSCs). An evaluation of different mass calibration procedures for
subsequent series production is possible earlier in the product
development phase. This allows an optimized product design that
can meet the requirements of cost-effective mass manufacturing
and mass calibration.
The primary circuit board for the MCS is the Mass Calibration Board
(MCB), which communicates with the user’s computer via the SSC
Communication Board (SSC CB). For each MCB, up to 24 devices
under test (DUTs) can be calibrated, and up to eight MCBs can be
connected in series to a single SSC CB, allowing mass calibration
of up to 192 DUTs.
Three digital interfaces are supported: I2C, one-wire interface
(OWI), and Local Interconnect Network (LIN)*. The analog output
voltage of each DUT can also be monitored and measured. The
user can adjust an individual board address manually, and each
MCB can be controlled via the mass calibration software installed
on the user’s computer. Individual configuration and calibration of
DUTs is possible by multiplexing the power supply of the DUTs.
The serial interface used by the DUTs is adjusted automatically via
software. If more than one MCB is used simultaneously, then these
adjustments must be identical for proper operation.
Jumper connectors on the MCBs provide access to all power lines.
The board can be supplied with 8 to 16 VDC via the on-board 5V
linear regulator. To avoid overloading this single power supply line
if heavy loads are driven, there are separate power supply
interfaces for the MCB, the DUTs, and the I2C serial bus.
Features
Multiple sensor module (DUT) access with support for the
different digital interfaces of IDT SSC ICs
Interface to the user’s computer via a USB port via the SSC
CB, which is also included in IDT’s modular SSC Evaluation
Kits
Each MCB interfaces up to 24 DUTs
Up to 8 MCBs can be connected in series and are
addressable separately via one SSC CB, allowing
simultaneous calibration of up to 192 DUTs with one system
Separate power supplies for the MCB, the DUTs, and the I2C
bus is possible
DUT analog output signal measurement
PC-controlled “plug & play” mass calibration and configuration
via USB interface – simple, low cost
Same ZSSCxxx Evaluation Software as for ZSSCxxxx
Evaluation Kits – simple installation.
Contents
SSC Mass Calibration Board V2.1
Software is available for download from the product page for
the Mass Calibration System (MCS) for the specific DUT
product
The DUTs are connected via standard connectors with
mechanical locking
* The board uses LIN protocol at a voltage level of 5VDC.
SSC Mass Calibration Board V2.1


Similar Part No. - SSCMASSCALIBDV2P1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCMAND001PD2A3 HONEYWELL-SSCMAND001PD2A3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSCMAND001PD2A5 HONEYWELL-SSCMAND001PD2A5 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSCMAND001PD3A3 HONEYWELL-SSCMAND001PD3A3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSCMAND001PD3A5 HONEYWELL-SSCMAND001PD3A5 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
SSCMAND001PD4A3 HONEYWELL-SSCMAND001PD4A3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - SSCMASSCALIBDV2P1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
Complies with SFX 12V V2.1
logo
Molex Electronics Ltd.
75555-2001 MOLEX-75555-2001 Datasheet
270Kb / 3P
EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
logo
STMicroelectronics
RM0345 STMICROELECTRONICS-RM0345 Datasheet
685Kb / 38P
calibration adapter board for SPC563M64xx devices
17-Sep-2013
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R5AD-W TAIYO-YUDEN-EMK042CG2R5AD-W Datasheet
287Kb / 2P
Mass Production
EMK042CG5R1CD-W TAIYO-YUDEN-EMK042CG5R1CD-W Datasheet
286Kb / 2P
Mass Production
EMK042CG5R6BD-W TAIYO-YUDEN-EMK042CG5R6BD-W Datasheet
286Kb / 2P
Mass Production
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
Mass Production
TMK042CG4R2CD-W TAIYO-YUDEN-TMK042CG4R2CD-W Datasheet
286Kb / 2P
Mass Production
TMK042CG4R6CD-W TAIYO-YUDEN-TMK042CG4R6CD-W Datasheet
286Kb / 2P
Mass Production
logo
Advantech Co., Ltd.
ROM-DB7503 ADVANTECH-ROM-DB7503 Datasheet
651Kb / 2P
Development Board for Qseven V2.1 ROM Modules
19-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com