Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 11Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 12Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 15Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 16Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 18Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
15
April 18, 2018
Jumper
Identifier
Description
K23
“BUS Power”
Short center pin to “+5V”
Internal Supply Mode
If the K23 jumper is set to “+5V,” the communication lines are supplied with the
internal +5V.
Short center pin to “I2C Power”
External Supply Mode [a]
If the K23 jumper is set to “I2C,” the communication lines
are supplied via the KL3 (“I2C Power”).
[a] Recommendation: Set both jumpers K14 and K23 to select the external supply mode, and supply both the DUTs and the I2C communication
supply from the same power to avoid malfunctions during communication.
Table 8.
K4 Address Jumpers on the MCB V2.1
Address Setup via Jumper Setting
Step for MCB Address Setup
MCB with Address “0” (D4, D5, and D6 LEDs off)
For each of the three jumpers on K4,
Open/floating  address bit = “0”
Short
address bit = “1”
Follow these steps for setting up an MCB address:
Power off the MCB.
Set up the new MCB address. See address examples in the left column for
address bits “0,” “1,” and “2,” which allow 8 possible unique MCB addresses
in binary format.
Power on MCB.
Check the MCB address displayed on LEDs D4, D5, and D6.
Note:
The MCB reads the address at initialization after power-up and therefore activates a new
address setting only after a reset or power-up.
The D3 LED for the state of the microcontroller remains on if the “Board Supply”
power supply at KL1 is within the range of 8 to 16 VDC.
MCB with Address “1” (D4 LED on)
MCB with Address “2” (D5 LED on)
MCB Address:
D6 = Bit 2
D5 = Bit 1
D4 = Bit 0
D3 Microcontroller Status LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com