Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMASSCALIBDV2P1 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # SSCMASSCALIBDV2P1
Description  SSC Mass Calibration Board V2.1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SSCMASSCALIBDV2P1 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button SSCMASSCALIBDV2P1 Datasheet HTML 13Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 14Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 15Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 16Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 17Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 18Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 19Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 20Page - Renesas Technology Corp SSCMASSCALIBDV2P1 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SSC Mass Calibration Board V2.1 Datasheet
© 2018 Integrated Device Technology, Inc.
17
April 18, 2018
3. Activation of communication Channels
The following commands control the logic on the dual DUT control circuit:
X1CZ1:X  activates (= “1”) OWI communication via the MCB with address “1”
X9CA1:X  activates (= “1”) Analog Channel of all connected MCBs (address“9” = all)
X1CZ0:X  deactivates (= “0”) OWI communication via the MCB with address “1”
The next commands control the signal flow between the CB’s microcontroller and the DUT:
X9PS_D21:X  set control signal for multiplexer (IC5 on Central Control Unit)
X9PS_D30:X  set second control signal (selects OWI interface on all MCBs (9))
4. Simultaneous commands for the SSC CB and MCB
Example: X1C_241:OW_7800172  activates (= “1”) Channel 24 of the MCB with address “1”
(power ON); 5ms later (fixed) the command “OW_7800172” is run by the SSC CB (via this command, the OWI interface of
the DUT is initialized and the DUT is set into “Command Mode”)
5. Special commands for MCB
X1V:X  read the firmware’s Version string for the MCB with address “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com