Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 143Page - STMicroelectronics STM32MP253C Datasheet HTML 144Page - STMicroelectronics STM32MP253C Datasheet HTML 145Page - STMicroelectronics STM32MP253C Datasheet HTML 146Page - STMicroelectronics STM32MP253C Datasheet HTML 147Page - STMicroelectronics STM32MP253C Datasheet HTML 148Page - STMicroelectronics STM32MP253C Datasheet HTML 149Page - STMicroelectronics STM32MP253C Datasheet HTML 150Page - STMicroelectronics STM32MP253C Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 241 page
background image
A device reset allows normal operations to be resumed.
The test results are given in Table 55 . They are based on the EMS levels and classes defined in application note
AN1709 available from the ST website www.st.com.
Table 55. EMS characteristics
Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Level/
Class
VFESD
Voltage limits to be applied on any I/O pin to
induce a functional disturbance
VDD = 3.3 V, TA = +25 °C, TFBGA436 package,
FPLL1 = 1200 or 1500 MHz, Fck_icn_hs_mcu = 400 MHz,
Cortex
‑M33/Cortex‑M0+ cores not running, conforms to
IEC 61000-4-2
2B
VFTB
Fast transient voltage burst limits to be
applied through 100 pF on VDD and VSS
pins to induce a functional disturbance
5A
As a consequence, it is recommended to add a serial resistor (1 kΩ) located as close as possible to the device
pins exposed to noise (connected to tracks longer than 50 mm on PCB).
6.3.13.2
Designing hardened software to avoid noise problems
EMC characterization and optimization are performed at component level with a typical application environment
and simplified MCU software. It should be noted that good EMC performance is highly dependent on the user
application and the software in particular.
Therefore it is recommended that the user applies EMC software optimization and prequalification tests in relation
with the EMC level requested for his application.
6.3.13.3
Software recommendations
The software flowchart must include the management of runaway conditions such as:
•
Corrupted program counter
•
Unexpected reset
•
Critical Data corruption (such as control registers)
See also application note AN1015.
6.3.13.4
Electromagnetic Interference (EMI)
The electromagnetic field emitted by the device are monitored while a simple application, executing EEMBC code,
is running. This emission test is compliant with SAE IEC61967-2 standard which specifies the test board and the
pin loading.
Table 56. EMI characteristics for fHSE = 40 MHz and FPLL1 = 1200 MHz
Evaluated by characterization, not tested in production.
Symbol Parameter
Conditions
Monitored
frequency band
Value Unit
SEMI
Peak(1)
VDD = 3.6 V, TA = 25 °C, TFBGA436 package,
Fck_icn_hs_mcu = 400 MHz, Cortex
‑M33/Cortex‑M0+ cores not
running, conforming to IEC61967-2
0.1 MHz to 30 MHz
14
dBµV
30 MHz to 130 MHz
9
130 MHz to 1 GHz
21
1 GHz to 2 GHz
8
Level(2)
0.1 MHz to 2 GHz
3
-
1. Refer to AN1709 "EMI radiated test" section.
2. Refer to AN1709 "EMI level classification" section.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 147/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com