Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 144Page - STMicroelectronics STM32MP253C Datasheet HTML 145Page - STMicroelectronics STM32MP253C Datasheet HTML 146Page - STMicroelectronics STM32MP253C Datasheet HTML 147Page - STMicroelectronics STM32MP253C Datasheet HTML 148Page - STMicroelectronics STM32MP253C Datasheet HTML 149Page - STMicroelectronics STM32MP253C Datasheet HTML 150Page - STMicroelectronics STM32MP253C Datasheet HTML 151Page - STMicroelectronics STM32MP253C Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 241 page
background image
Table 57. EMI characteristics for fHSE = 40 MHz and FPLL1 = 1500 MHz
Evaluated by characterization, not tested in production.
Symbol Parameter
Conditions
Monitored
frequency band
Value Unit
SEMI
Peak(1)
VDD = 3.6 V, TA = 25 °C, TFBGA436 package,
Fck_icn_hs_mcu = 400 MHz, Cortex
‑M33/Cortex‑M0+ cores not
running, conforming to IEC61967-2
0.1 MHz to 30 MHz
-
dBµV
30 MHz to 130 MHz
-
130 MHz to 1 GHz
-
1 GHz to 2 GHz
-
Level(2)
0.1 MHz to 2 GHz
-
-
1. Refer to AN1709 "EMI radiated test" section.
2. Refer to AN1709 "EMI level classification" section.
6.3.14
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU) using specific measurement methods, the device is stressed in order to
determine its performance in terms of electrical sensitivity.
6.3.14.1
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse) are applied to the pins of each sample according to
each pin combination. This test conforms to the ANSI/ESDA/JEDEC JS-001 and ANSI/ESDA/JEDEC JS-002
standards.
Table 58. ESD absolute maximum ratings
Evaluated by characterization, not tested in production.
Symbol
Ratings
Conditions
Packages Class
Maximum
value
Unit
VESD(HBM)
Electrostatic discharge voltage
(human body model)
TA = +25 °C conforming to ANSI/
ESDA/JEDEC JS-001.
All
2
2000(1)
V
VESD(CDM)
Electrostatic discharge voltage
(charge device model)
TA = +25 °C conforming to ANSI/
ESDA/JEDEC JS-002
All
C1
250
V
1. 330 V for UCPD IOs.
6.3.14.2
Static latchup
Two complementary static tests are required on three parts to assess the latchup performance:
•
A supply overvoltage is applied to each power supply pin
•
A current injection is applied to each input, output and configurable I/O pin
These tests are compliant with JESD78 IC latchup standard.
Table 59. Electrical sensitivities
Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Class
LU
Static latchup class
TA = +25 °C conforming to JESD78
II level A
6.3.15
I/O current injection characteristics
As a general rule, a current injection to the I/O pins, due to external voltage below VSS or above VDD should be
avoided during the normal product operation. However, in order to give an indication of the robustness of the
device in cases when an abnormal injection accidentally happens, susceptibility tests are performed on a sample
basis during the device characterization.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 148/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com