Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 145Page - STMicroelectronics STM32MP253C Datasheet HTML 146Page - STMicroelectronics STM32MP253C Datasheet HTML 147Page - STMicroelectronics STM32MP253C Datasheet HTML 148Page - STMicroelectronics STM32MP253C Datasheet HTML 149Page - STMicroelectronics STM32MP253C Datasheet HTML 150Page - STMicroelectronics STM32MP253C Datasheet HTML 151Page - STMicroelectronics STM32MP253C Datasheet HTML 152Page - STMicroelectronics STM32MP253C Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 241 page
background image
6.3.15.1
Functional susceptibility to I/O current injection
While a simple application is executed on the device, the device is stressed by injecting current into the I/O pins
programmed in floating input mode. While current is injected into the I/O pin, one at a time, the device is checked
for functional failures.
The failure is indicated by an out of range parameter:
•
ADC error above a certain limit: higher than 5 LSB total unadjusted error (TUE),
•
Out of conventional limits of induced leakage current on adjacent pins (out of –5 µA/+0 µA range)
•
Other functional failure (for example reset, oscillator frequency deviation).
The following tables are the compilation of the SIC1/SIC2 and functional ESD results.
Negative induced A negative induced leakage current is caused by negative injection and positive induced
leakage current by positive injection.
Table 60. I/O current injection susceptibility
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol Description
Negative Injection Positive Injection Unit
IINJ
ANA0, ANA1
5
0
mA
OSC32_IN, OSC32_OUT, PC13, PI8, PZ0, PZ1, PZ2, PZ3, PZ4,
PZ5, PZ6, PC3, PC4, PC5, PF6, PF7, PG1, PG3
0
NA
All other digital I/Os
5
NA
6.3.16
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 61. I/O static characteristics are derived from tests
performed under the conditions summarized in Table 17. General operating conditions . All I/Os are CMOS and
TTL compliant.
Table 61. I/O static characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL(1)
I/O input low voltage
2.7 < VDDx < 3.6 V
-
-
0.3 × VDDx
V
1.71 <VDDx < 1.89 V
-
-
0.35 × VDDx
V
VIH(1)
I/O input high voltage
2.7 < VDDx < 3.6 V
0.7 × VDDx
-
-
V
1.71 < VDDx < 1.89 V
0.65 × VDDx
-
-
V
VIL(2)
I/O input low voltage
2.7 < VDDx < 3.6 V
-
-
0.4 × VDDx - 0.27
V
1.71 < VDDx < 1.89 V
-
-
0.36 × VDDx
V
VIH(2)
I/O input high voltage
2.7 <VDDx < 3.6 V
0.52 × VDDx - 0.11
-
-
V
1.71 < VDDx < 1.89 V
0.62 × VDDx
-
-
V
VHYS
I/O input hysteresis
2.7 < VDDx < 3.6 V
-
0.44
-
V
1.71 <VDDx < 1.89 V
-
0.44
-
V
Ileak
TT_x input leakage
-
50
10000
nA
IVDDx
Static current consumption on VDDx
-
40
2000
nA
IVDDA18AON Static current consumption on VDDA18AON
-
2
80
nA
IVDDCORE
Static current consumption on VDDCORE
-
1
180
nA
RPU
Weak pull-up equivalent resistor(3)
2.7 < VDDx < 3.6 V
30
40
50
kΩ
1.71 < VDDx < 1.89 V
30
40
50
kΩ
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 149/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com