Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 149Page - STMicroelectronics STM32MP253C Datasheet HTML 150Page - STMicroelectronics STM32MP253C Datasheet HTML 151Page - STMicroelectronics STM32MP253C Datasheet HTML 152Page - STMicroelectronics STM32MP253C Datasheet HTML 153Page - STMicroelectronics STM32MP253C Datasheet HTML 154Page - STMicroelectronics STM32MP253C Datasheet HTML 155Page - STMicroelectronics STM32MP253C Datasheet HTML 156Page - STMicroelectronics STM32MP253C Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 241 page
background image
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
0b00
Tr/Tf(2)
Output high to low level
fall time and output low
to high level rise time
C = 30 pF
ns
-
7
C = 20 pF
-
5
C = 10 pF
-
3
0b01
Fmax(1)
Maximum frequency
C = 50 pF
-
45
MHz
C = 40 pF
-
55
C = 30 pF
-
70
C = 20 pF
-
100
C = 10 pF
-
166
Tr/Tf(2)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF
-
7.4
ns
C = 40 pF
-
6.1
C = 30 pF
-
4.7
C = 20 pF
-
3.4
C = 10 pF
-
2.1
0b10(3)
Fmax(1)
Maximum frequency
C = 50 pF
-
60
MHz
C = 40 pF
-
75
C = 30 pF
-
100
C = 20 pF
-
133
C = 10 pF
-
200
Tr/Tf(2)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF
-
5.7
ns
C = 40 pF
-
4.7
C = 30 pF
-
3.7
C = 20 pF
-
2.7
C = 10 pF
-
1.7
0b11(3)
Fmax(1)
Maximum frequency
C = 50 pF
-
80
MHz
C = 40 pF
-
100
C = 30 pF
-
120
C = 20 pF
-
166
C = 10 pF
-
250
Tr/Tf(2)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF
-
4.1
ns
C = 40 pF
-
3.4
C = 30 pF
-
2.7
C = 20 pF
-
2
C = 10 pF
-
1.3
1. The maximum frequency is defined with the following conditions : (Tr + Tf) ≤ 2/3 T and Skew ≤ 1/20 T and
45% < Duty cycle < 55%.
2. The fall and rise time are defined respectively between 90% and 10%, and between 10% and 90% of the output waveform.
3. IO compensation enabled.
Table 65. Output timing characteristics (VDD/VDDIOx = 1.71 - 1.89 V, VDDIOxVRSEL = 0 degraded mode)
Evaluated by characterization, not tested in production unless otherwise specified.
Speed
Symbol
Parameter
Conditions
Min
Max
Unit
0b00
Fmax(1)
Maximum frequency
C 50 pF
-
10
MHz
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 153/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com