Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 142Page - STMicroelectronics STM32MP253C Datasheet HTML 143Page - STMicroelectronics STM32MP253C Datasheet HTML 144Page - STMicroelectronics STM32MP253C Datasheet HTML 145Page - STMicroelectronics STM32MP253C Datasheet HTML 146Page - STMicroelectronics STM32MP253C Datasheet HTML 147Page - STMicroelectronics STM32MP253C Datasheet HTML 148Page - STMicroelectronics STM32MP253C Datasheet HTML 149Page - STMicroelectronics STM32MP253C Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_INFIN
MHz
PFD input clock
-
-
3
-
24
fPLL_OUT
PLL output clock
-
-
-
-
1100
fVCO_OUT
PLL VCO output
-
-
1800
2200
3000
tLOCK(1)
PLL lock time
-
-
-
-
355
μs
fMod
Modulation frequency
-
-
-
33
-
kHz
md
Modulation depth
-
-
-
0.25
5
%
IVDDA18LVDS(1)
PLL supply current on VDDA18LVDS
-
-
-
4.9
-
mA
IVDDLVDS(1)
PLL supply current on VDDLVDS
-
-
-
1.4
-
mA
1. Evaluated by characterization, not tested in production.
6.3.11
PLL spread spectrum clock generation (SSCG) characteristics
The spread spectrum clock generation (SSCG) feature allows the reduction of electromagnetic interferences (see
Section 6.3.13.4 ). It is available only on the PLL2 to PLL8.
Table 53. PLL2 to PLL8 SSCG parameters constraints
Specified by design, not tested in production.
Symbol
Parameter
Min
Typ
Max
Unit
FMOD
Modulation frequency
5.2
-
391
kHz
MD
Peak modulation depth
0.1
-
3.1
%
6.3.12
Memory characteristics
6.3.12.1
OTP characteristics
The characteristics are given at TJ = -40 to 125 °C unless otherwise specified.
Table 54. OTP characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IOTP(VDDA18AON)
OTP supply current on VDDA18AON
Programming
-
3.8
10
mA
Reading
-
0.66
1.13
PowerDown
-
5
132
μA
IOTP(VDDCORE)
OTP supply current on VDDCORE
Programming
-
0.09
0.45
mA
Reading
-
1.8
3.6
PowerDown
-
8
500
μA
6.3.13
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
6.3.13.1
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports). the device is stressed
by two electromagnetic events until a failure occurs. The failure is indicated by the LEDs:
•
Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until a functional
disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
•
FTB: a burst of fast transient voltage (positive and negative) is applied to VDD and VSS through a 100 pF
capacitor, until a functional disturbance occurs. This test is compliant with the IEC 61000-4-4 standard.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 146/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com