Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 139Page - STMicroelectronics STM32MP253C Datasheet HTML 140Page - STMicroelectronics STM32MP253C Datasheet HTML 141Page - STMicroelectronics STM32MP253C Datasheet HTML 142Page - STMicroelectronics STM32MP253C Datasheet HTML 143Page - STMicroelectronics STM32MP253C Datasheet HTML 144Page - STMicroelectronics STM32MP253C Datasheet HTML 145Page - STMicroelectronics STM32MP253C Datasheet HTML 146Page - STMicroelectronics STM32MP253C Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 241 page
background image
Figure 19. Typical application with a 32.768 kHz crystal
STM32
OSC32_OUT
fLSE
CL1
RF
32.768 kHz
resonator
Bias
controlled
gain
OSC32_IN
CL2
Resonator with
integrated capacitors
1. Adding an external resistor between OSC32_IN and OSC32_OUT is forbidden.
6.3.8
External clock source security characteristics
Table 44. High-speed external user clock security system (HSE CSS)
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tDCM(HSE_CSS)
Time to detect clock missing
fHSE = 48 MHz
-
1
2
μs
Table 45. Low-speed external user clock security system (LSE CSS)
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tDCM(LSE_CSS)
Time to detect clock missing
-
-
-
300
μs
fMAX(LSE_CSS)
Cut-off frequency
-
-
-
2
MHz
6.3.9
Internal clock source characteristics
The parameters given in Table 46 , Table 47 and Table 48 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 17. General operating conditions .
6.3.9.1
64 MHz high-speed internal RC oscillator (HSI)
Table 46. HSI oscillator characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI(1)
HSI frequency
VDDA18AON = 1.8 V, TJ = 30 °C 63.68 64 64.32 MHz
TRIM
HSI trimming step
-
-
0.25
0.5
%
DuCy(HSI)
Duty Cycle
-
40
-
60
%
∆VDDA18AON(HSI) +
∆TJ(HSI)
HSI oscillator frequency drift over
voltage and temperature variation (after
factory calibration)(2)
TJ = -40 to 125 °C
-8.5
-
+8.5
%
tsu(HSI)
HSI oscillator start-up time
(Time between Enable rising and First
output clock edge.)
-
-
-
3
μs
tstab(HSI)
HSI oscillator stabilization time
At 1% of target frequency
-
-
5
μs
IVDDCORE(HSI)
HSI supply current on VDDCORE
-
-
-
10
μA
IVDD18AON(HSI)
HSI supply current on VDDA18AON
-
-
300
400
μA
1. Guaranteed by test in production.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 143/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com