Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 140Page - STMicroelectronics STM32MP253C Datasheet HTML 141Page - STMicroelectronics STM32MP253C Datasheet HTML 142Page - STMicroelectronics STM32MP253C Datasheet HTML 143Page - STMicroelectronics STM32MP253C Datasheet HTML 144Page - STMicroelectronics STM32MP253C Datasheet HTML 145Page - STMicroelectronics STM32MP253C Datasheet HTML 146Page - STMicroelectronics STM32MP253C Datasheet HTML 147Page - STMicroelectronics STM32MP253C Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 241 page
background image
2. If better tolerance is needed (for example for UART kernel clock usage), the HSI could be trimmed during run time by
measuring its frequency with a better reference like HSE crystal. The HSI trimming should be done regularly or whenever
there is significant variation on supply voltage or temperature.
6.3.9.2
4/16 MHz low-power internal RC oscillator (MSI)
Table 47. MSI oscillator characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
CSI frequency
VDDCORE = 0.82 V, TJ = 30 °C
MSIFREQSEL=0(1) 3.956
4
4.044
MHz
MSIFREQSEL=1
15.824 16 16.176
TRIM
MSI trimming step
Trimming Code is not a multiple of 32
-
0.8
1.1
%
Trimming Code is a multiple of 32
-
-2.5
-3.8
DuCy(MSI)
Duty Cycle
At trimmed frequency
45
-
55
%
∆TJ(MSI)
MSI oscillator frequency
drift over temperature
TJ = -40 °C to 70 °C
-5
-
+5
%
TJ = -40 °C to 125 °C
-6
-
+6
tsu(MSI)
MSI oscillator start-up time
-
-
-
3.5
μs
IVDDCORE(MSI)
MSI Supply current on
VDDCORE
at 4 MHz
MSIFREQSEL = 0
-
20
22
μA
at 16 MHz
MSIFREQSEL = 1
-
60
68
1. Guaranteed by test in production.
6.3.9.3
32 kHz low-speed internal (LSI) RC oscillator
Table 48. LSI oscillator characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
fLSI
LSI Frequency
TJ = 30 °C(1)
30.5 32 33.5
kHz
TJ= -40 to 125° C 28.8 32 33.6
tsu(LSI)
LSI oscillator start-up time (time between enable rising and first output
clock edge.)
-
-
-
180
μs
IVSW(LSI) LSI supply current on VSW(2)
-
-
250 500
nA
1. Guaranteed by test in production.
2. VSW is equal to VDD when present or VBAT otherwise.
6.3.10
PLL characteristics
The parameters given in Table 49 , Table 50 , Table 51 and Table 52. PLL_LVDS characteristics are derived from
tests performed under temperature and supply voltage conditions summarized in Table 17. General operating
conditions .
Table 49. PLL1 to PLL8 characteristics
Specified by design, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
Normal mode
5
-
64
MHz
Sigma delta mode
10
-
64
fPFD
PFD input clock
Normal mode
5
fPLL_IN/
FREFDIV
50
MHz
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 144/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com