Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 302Page - Renesas Technology Corp R8C/29 Datasheet HTML 303Page - Renesas Technology Corp R8C/29 Datasheet HTML 304Page - Renesas Technology Corp R8C/29 Datasheet HTML 305Page - Renesas Technology Corp R8C/29 Datasheet HTML 306Page - Renesas Technology Corp R8C/29 Datasheet HTML 307Page - Renesas Technology Corp R8C/29 Datasheet HTML 308Page - Renesas Technology Corp R8C/29 Datasheet HTML 309Page - Renesas Technology Corp R8C/29 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 289 of 441
REJ09B0279-0210
Figure 16.30
PMR Register
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. The UART1 pins can be selected by using bits TXD1SEL and TXD1EN, and bits UART1SEL1 and UART1SEL0 in the
PINSR1 register.
IICSEL
SSU / I2C bus pin sw itch bit
0 : Selects SSU function
1 : Selects I2C bus function
RW
TXD1EN
TXD1/RXD1 select bit(1)
0 : RXD1
1 : TXD1
RW
TXD1SEL
Port/TXD1 pin sw itch bit(1)
0 : Programmable I/O port
1 : TXD1
RW
U1PINSEL
TXD1 pin sw itch bit(1)
Set to 1 to use UART1.
RW
SSISEL
SSI pin select bit
0 : P3_3
1 : P1_6
RW
—
(b0)
Set to 0.
RW
—
(b2-b1)
—
Reserved bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b0
0
b3 b2 b1
b7 b6 b5 b4
PINSR1 Register
UART1SEL1,
UART1SEL0 bit
TXD1SEL bit
TXD1EN bit
P3_7(TXD1)
1
P3_7(RXD1)
0
P3_7(TXD1)
1
P4_5(RXD1)
×
×: 0 or 1
Pin Function
×
00b
×
01b
PMR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com