Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 300Page - Renesas Technology Corp R8C/29 Datasheet HTML 301Page - Renesas Technology Corp R8C/29 Datasheet HTML 302Page - Renesas Technology Corp R8C/29 Datasheet HTML 303Page - Renesas Technology Corp R8C/29 Datasheet HTML 304Page - Renesas Technology Corp R8C/29 Datasheet HTML 305Page - Renesas Technology Corp R8C/29 Datasheet HTML 306Page - Renesas Technology Corp R8C/29 Datasheet HTML 307Page - Renesas Technology Corp R8C/29 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 287 of 441
REJ09B0279-0210
Figure 16.28
ICSR Register
IIC bus Status Register
(7)
Symbol
Address
After Reset
ICSR
00BCh
0000X000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7. When accessing the ICSR register continuously, insert one or more NOP instructions betw een the instructions to
access it.
STOP
Stop condition detection
flag(1)
When the stop condition is detected after the frame
is transferred, this flag is set to 1
RW
The RDRF bit is set to 0 w hen reading data from the ICDRR register.
Bits TEND and TDRE are set to 0 w hen w riting data to the ICDRT register.
When tw o or more master devices attempt to occupy the bus at nearly the same time, if the I2C bus Interface
monitors the SDA pin and the data w hich the I2C bus Interface transmits is different, the AL flag is set to 1 and the
bus is occupied by another master.
RW
RDRF
Receive data register
full(1,5)
When the 9th clock cycle of the SCL signal in the I2C
bus format occurs w hile the TDRE bit is set to 1, this
flag is set to 1.
This flag is set to 1 w hen the final bit of the transmit
frame is transmitted in the clock synchronous format.
No acknow ledge detection
flag(1,4)
This flag is enabled in slave receive mode of the I2C bus format.
Each bit is set to 0 by reading 1 before w riting 0.
NACKF
When no acknow ledge is detected from the receive
device after transmission, this flag is set to 1
RW
RW
When receive data is transferred from in registers
ICDRS to ICDRR , this flag is set to 1
TEND
Transmit end(1,6)
RW
RW
General call address
recognition flag(1,2)
When the general call address is detected, this flag
is set to 1.
Arbitration lost
flag/overrun error flag(1)
When the I2C bus format is used, this flag indicates
that arbitration has been lost in master mode. In the
follow ing cases, this flag is set to 1.(3)
• When the internal SDA signal and SDA pin
level do not match at the rise of the SCL signal
in master transmit mode
• When the start condition is detected and the
SDA pin is held “H” in master transmit/receive mode
This flag indicates an overrun error w hen the clock
synchronous format is used.
In the follow ing case, this flag is set to 1.
• When the last bit of the next data item is
received w hile the RDRF bit is set to 1
Slave address recognition
flag(1)
This flag is set to 1 w hen the first frame follow ing
start condition matches bits SVA0 to SVA6 in the
SAR register in slave receive mode. (Detect the
slave address and generate call address)
RW
AAS
AL
ADZ
b1
b7 b6 b5 b4
b0
The NACKF bit is enabled w hen the ACKE bit in the ICIER register is set to 1 (w hen the receive acknow ledge bit is
set to 1, transfer is halted).
TDRE
Transmit data empty(1,6)
In the follow ing cases, this flag is set to 1.
• Data is transferred from registers ICDRT to ICDRS
and the ICDRT register is empty
• When setting the TRS bit in the ICCR1
register to 1 (transmit mode)
• When generating the start condition
(including retransmit)
• When changing from slave receive mode to
slave transmit mode
RW
b3 b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com