Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 298Page - Renesas Technology Corp R8C/29 Datasheet HTML 299Page - Renesas Technology Corp R8C/29 Datasheet HTML 300Page - Renesas Technology Corp R8C/29 Datasheet HTML 301Page - Renesas Technology Corp R8C/29 Datasheet HTML 302Page - Renesas Technology Corp R8C/29 Datasheet HTML 303Page - Renesas Technology Corp R8C/29 Datasheet HTML 304Page - Renesas Technology Corp R8C/29 Datasheet HTML 305Page - Renesas Technology Corp R8C/29 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 285 of 441
REJ09B0279-0210
Figure 16.26
ICMR Register
IIC bus Mode Register
Symbol
Address
After Reset
ICMR
00BAh
00011000b
Bit Symbol
Bit Name
Function
RW
MSB-first/LSB-first select
bit
NOTES:
1.
2.
3.
4.
5.
6.
MLS
RW
RW
BC1
BC2
Bits counter 2 to 0
I2C bus format (remaining transfer bit count w hen
read out and data bit count of next transfer w hen
w ritten).(1,2)
b2 b1 b0
0 0 0 : 9 bits(3)
0 0 1 : 2 bits
0 1 0 : 3 bits
0 1 1 : 4 bits
1 0 0 : 5 bits
1 0 1 : 6 bits
1 1 0 : 7 bits
1 1 1 : 8 bits
Clock synchronous serial format (w hen read, the
remaining transfer bit count and w hen w ritten
000b).
b2 b1 b0
0 0 0 : 8 bits
0 0 1 : 1 bit
0 1 0 : 2 bits
0 1 1 : 3 bits
1 0 0 : 4 bits
1 0 1 : 5 bits
1 1 0 : 6 bits
1 1 1 : 7 bits
BC0
RW
RW
0
BCWP
BC w rite protect bit
b7 b6 b5 b4 b3 b2 b1 b0
When rew riting bits BC0 to BC2, w rite 0
simultaneously.(2,4)
When read, the content is 1.
RW
The setting value is enabled in master mode of the I2C bus format. It is disabled in slave mode of the I2C
bus format or w hen the clock synchronous serial format is used.
0 : No w ait
(Transfer data and acknow ledge bit
consecutively)
1 : Wait
(After the clock falls for the final
data bit, “L” period is extended for tw o
transfer clocks cycles)
Set to 0.
RW
RW
0 : Data transfer w ith MSB-first(6)
1 : Data transfer w ith LSB-first
—
(b5)
WAIT
Set to 0 w hen the I2C bus format is used.
When w riting to bits BC0 to BC2, w rite 0 to the BCWP bit using the MOV instruction.
—
(b4)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
Rew rite betw een transfer frames. When w riting values other than 000b, w rite w hen the SCL signal is “L”.
After data including the acknow ledge bit is transferred, these bits are automatically set to 000b. When the start
condition is detected, these bits are automatically set to 000b.
Do not rew rite w hen the clock synchronous serial format is used.
Reserved bit
Wait insertion bit(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com