Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 306Page - Renesas Technology Corp R8C/29 Datasheet HTML 307Page - Renesas Technology Corp R8C/29 Datasheet HTML 308Page - Renesas Technology Corp R8C/29 Datasheet HTML 309Page - Renesas Technology Corp R8C/29 Datasheet HTML 310Page - Renesas Technology Corp R8C/29 Datasheet HTML 311Page - Renesas Technology Corp R8C/29 Datasheet HTML 312Page - Renesas Technology Corp R8C/29 Datasheet HTML 313Page - Renesas Technology Corp R8C/29 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 293 of 441
REJ09B0279-0210
16.3.3.2
Master Transmit Operation
In master transmit mode, the master device outputs the transmit clock and data, and the slave device returns an
acknowledge signal.
Figures 16.32 and 16.33 show the Operating Timing in Master Transmit Mode (I2C bus Interface Mode).
The transmit procedure and operation in master transmit mode are as follows.
(1) Set the STOP bit in the ICSR register to 0 to reset it. Then set the ICE bit in the ICCR1 register to 1
(transfer operation enabled). Then set bits WAIT and MLS in the ICMR register and set bits CKS0 to
CKS3 in the ICCR1 register (initial setting).
(2) Read the BBSY bit in the ICCR2 register to confirm that the bus is free. Set bits TRS and MST in the
ICCR1 register to master transmit mode. The start condition is generated by writing 1 to the BBSY bit
and 0 to the SCP bit by the MOV instruction.
(3) After confirming that the TDRE bit in the ICSR register is set to 1 (data is transferred from registers
ICDRT to ICDRS), write transmit data to the ICDRT register (data in which a slave address and R/W
are indicated in the 1st byte). At this time, the TDRE bit is automatically set to 0, data is transferred
from registers ICDRT to ICDRS, and the TDRE bit is set to 1 again.
(4) When transmission of 1 byte of data is completed while the TDRE bit is set to 1, the TEND bit in the
ICSR register is set to 1 at the rise of the 9th transmit clock pulse. Read the ACKBR bit in the ICIER
register, and confirm that the slave is selected. Write the 2nd byte of data to the ICDRT register. Since
the slave device is not acknowledged when the ACKBR bit is set to 1, generate the stop condition. The
stop condition is generated by the writing 0 to the BBSY bit and 0 to the SCP bit by the MOV
instruction. The SCL signal is held “L” until data is available and the stop condition is generated.
(5) Write the transmit data after the 2nd byte to the ICDRT register every time the TDRE bit is set to 1.
(6) When writing the number of bytes to be transmitted to the ICDRT register, wait until the TEND bit is
set to 1 while the TDRE bit is set to 1. Or wait for NACK (the NACKF bit in the ICSR register is set to
1) from the receive device while the ACKE bit in the ICIER register is set to 1 (when the receive
acknowledge bit is set to 1, transfer is halted). Then generate the stop condition before setting bits
TEND and NACKF to 0.
(7) When the STOP bit in the ICSR register is set to 1, return to slave receive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com