Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 262Page - Renesas Technology Corp R8C/29 Datasheet HTML 263Page - Renesas Technology Corp R8C/29 Datasheet HTML 264Page - Renesas Technology Corp R8C/29 Datasheet HTML 265Page - Renesas Technology Corp R8C/29 Datasheet HTML 266Page - Renesas Technology Corp R8C/29 Datasheet HTML 267Page - Renesas Technology Corp R8C/29 Datasheet HTML 268Page - Renesas Technology Corp R8C/29 Datasheet HTML 269Page - Renesas Technology Corp R8C/29 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 249 of 441
REJ09B0279-0210
16. Clock Synchronous Serial Interface
The clock synchronous serial interface is configured as follows.
Clock synchronous serial interface
The clock synchronous serial interface uses the registers at addresses 00B8h to 00BFh. Registers, bits, symbols, and
functions vary even for the same addresses depending on the mode. Refer to the register diagrams of each function for
details.
Also, the differences between clock synchronous communication mode and clock synchronous serial mode are the
options of the transfer clock, clock output format, and data output format.
16.1
Mode Selection
The clock synchronous serial interface has four modes.
Table 16.1lists the Mode Selections. Refer to 16.2 Clock Synchronous Serial I/O with Chip Select (SSU) and the
sections that follow for details of each mode.
Clock synchronous serial I/O with chip select (SSU)
Clock synchronous communication mode
4-wire bus communication mode
I2C bus Interface
I2C bus interface mode
Clock synchronous serial mode
Table 16.1
Mode Selections
IICSEL Bit
in PMR
Register
Bit 7 in 00B8h
(ICE Bit in ICCR1
Register)
Bit 0 in 00BDh
(SSUMS Bit in
SSMR2 Register, FS
Bit in SAR Register)
Function
Mode
0
0
0
Clock synchronous
serial I/O with chip
select
Clock synchronous communication
mode
0
0
1
4-wire bus communication mode
11
0
I2C bus interface
I2C bus interface mode
1
1
1
Clock synchronous serial mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com