Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 248Page - Renesas Technology Corp R8C/29 Datasheet HTML 249Page - Renesas Technology Corp R8C/29 Datasheet HTML 250Page - Renesas Technology Corp R8C/29 Datasheet HTML 251Page - Renesas Technology Corp R8C/29 Datasheet HTML 252Page - Renesas Technology Corp R8C/29 Datasheet HTML 253Page - Renesas Technology Corp R8C/29 Datasheet HTML 254Page - Renesas Technology Corp R8C/29 Datasheet HTML 255Page - Renesas Technology Corp R8C/29 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 471 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 235 of 441
REJ09B0279-0210
Figure 15.5
Registers U0C0 to U1C0
UARTi Transmit/Receive Control Register 0 (i = 0 or 1)
Symbol
Address
After Reset
U0C0
00A4h
00001000b
U1C0
00ACh
00001000b
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b3 b2
TXEPT
b1 b0
0
CLK0
—
Reserved bit
b7 b6 b5 b4
—
(b2)
CKPOL
CLK1
RW
BRG count source select
bits(1)
b1 b0
0 0 : Selects f1
0 1 : Selects f8
1 0 : Selects f32
1 1 : Do not set.
RW
RW
RO
—
(b4)
CLK polarity select bit
0 : Transmit data is output at falling edge of transfer
clock and receive data is input at rising edge
1 : Transmit data is output at rising edge of transfer
clock and receive data is input at falling edge
Set to 0.
Transmit register empty
flag
0 : Data in transmit register (during transmit)
1 : No data in transmit register (transmit completed)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RW
RW
If the BRG count source is sw itched, set the UiBRG register again.
RW
Data output select bit
0 : TXDi pin is for CMOS output
1 : TXDi pin is for N-channel open drain output
UFORM
Transfer format select bit 0 : LSB first
1 : MSB first
NCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com