Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 245Page - Renesas Technology Corp R8C/29 Datasheet HTML 246Page - Renesas Technology Corp R8C/29 Datasheet HTML 247Page - Renesas Technology Corp R8C/29 Datasheet HTML 248Page - Renesas Technology Corp R8C/29 Datasheet HTML 249Page - Renesas Technology Corp R8C/29 Datasheet HTML 250Page - Renesas Technology Corp R8C/29 Datasheet HTML 251Page - Renesas Technology Corp R8C/29 Datasheet HTML 252Page - Renesas Technology Corp R8C/29 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 471 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 232 of 441
REJ09B0279-0210
Figure 15.2
UARTi Transmit/Receive Unit
RXDi
1SP
2SP
SP
SP
PAR
PRYE = 0
PAR
disabled
PAR
enabled
PRYE = 1
UART
UART (9 bits)
D7
D6
D5
D4
D3
D2
D1
D0
UARTi receive register
UiRB register
0
0
00
00
0
D8
MSB/LSB conversion circuit
Data bus high-order bits
Data bus low-order bits
D7
D6
D5
D4
D3
D2
D1
D0 UiTB register
D8
TXDi
1SP
2SP
SP
SP
PAR
UARTi transmit register
0
i = 0 or 1
SP: Stop bit
PAR: Parity bit
UART (7 bits)
UART (8 bits)
Clock
synchronous
type
Clock
synchronous
type
UART (7 bits)
Clock
synchronous
type
UART (7 bits)
Clock
synchronous
type
UART (8 bits)
UART (9 bits)
UART (7 bits)
UART (8 bits)
Clock
synchronous
type
UART (9 bits)
UART
PRYE = 1
PAR
enabled
PAR
disabled
PRYE = 0
Clock
synchronous
type
MSB/LSB conversion circuit
UART (8 bits)
UART (9 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com