Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 378Page - Renesas Technology Corp R8C/29 Datasheet HTML 379Page - Renesas Technology Corp R8C/29 Datasheet HTML 380Page - Renesas Technology Corp R8C/29 Datasheet HTML 381Page - Renesas Technology Corp R8C/29 Datasheet HTML 382Page - Renesas Technology Corp R8C/29 Datasheet HTML 383Page - Renesas Technology Corp R8C/29 Datasheet HTML 384Page - Renesas Technology Corp R8C/29 Datasheet HTML 385Page - Renesas Technology Corp R8C/29 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 365 of 441
REJ09B0279-0210
19.5.1.1
Example of Circuit Application in Standard Serial I/O Mode
Figure 19.18 shows an Example of Pin Processing in Standard Serial I/O Mode 2, Figure 19.19 shows an
Example of Pin Processing in Standard Serial I/O Mode 3. Since the controlled pins vary depending on the
programmer, refer to the manual of your serial programmer for details.
Figure 19.18
Example of Pin Processing in Standard Serial I/O Mode 2
Figure 19.19
Example of Pin Processing in Standard Serial I/O Mode 3
NOTES:
1. In this example, modes are switched between single-chip mode and
standard serial I/O mode by controlling the MODE input with a switch.
2. Connecting the oscillation is necessary. Set the main clock frequency 1
MHz to 20 MHz. Refer to Appendix Figure 2.1 Connection Example with
M16C Flash Starter (M3A-0806).
MCU
TXD
RXD
Data Output
Data Input
MODE
NOTES:
1. Controlled pins and external circuits vary depending on the programmer.
Refer to the programmer manual for details.
2. In this example, modes are switched between single-chip mode and
standard serial I/O mode by connecting a programmer.
3. When operating with the on-chip oscillator clock, it is not necessary to
connect an oscillating circuit.
MCU
MODE
RESET
User reset signal
MODE I/O
Reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com