Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 374Page - Renesas Technology Corp R8C/29 Datasheet HTML 375Page - Renesas Technology Corp R8C/29 Datasheet HTML 376Page - Renesas Technology Corp R8C/29 Datasheet HTML 377Page - Renesas Technology Corp R8C/29 Datasheet HTML 378Page - Renesas Technology Corp R8C/29 Datasheet HTML 379Page - Renesas Technology Corp R8C/29 Datasheet HTML 380Page - Renesas Technology Corp R8C/29 Datasheet HTML 381Page - Renesas Technology Corp R8C/29 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 361 of 441
REJ09B0279-0210
19.4.5
Full Status Check
When an error occurs, bits FMR06 to FMR07 in the FMR0 register are set to 1, indicating the occurrence of an
error. Therefore, checking these status bits (full status check) can be used to determine the execution result.
Table 19.6 lists the Errors and FMR0 Register Status. Figure 19.16 shows the Full Status Check and Handling
Procedure for Individual Errors.
NOTE:
1. The MCU enters read array mode when FFh is written in the second bus cycle of these commands.
At the same time, the command code written in the first bus cycle is disabled.
Table 19.6
Errors and FMR0 Register Status
FMR0 Register (Status
Register) Status
Error
Error Occurrence Condition
FMR07 (SR5) FMR06 (SR4)
1
1
Command
sequence
error
• When a command is not written correctly
• When invalid data other than that which can be written
in the second bus cycle of the block erase command is
written (i.e., other than D0h or FFh)(1)
• When the program command or block erase command
is executed while rewriting is disabled by the FMR02 bit
in the FMR0 register, or the FMR15 or FMR16 bit in the
FMR1 register.
• When an address not allocated in flash memory is input
during erase command input
• When attempting to erase the block for which rewriting
is disabled during erase command input.
• When an address not allocated in flash memory is input
during write command input.
• When attempting to write to a block for which rewriting
is disabled during write command input.
1
0
Erase error
• When the block erase command is executed but auto-
erasure does not complete correctly
0
1
Program error
• When the program command is executed but not auto-
programming does not complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com