Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 372Page - Renesas Technology Corp R8C/29 Datasheet HTML 373Page - Renesas Technology Corp R8C/29 Datasheet HTML 374Page - Renesas Technology Corp R8C/29 Datasheet HTML 375Page - Renesas Technology Corp R8C/29 Datasheet HTML 376Page - Renesas Technology Corp R8C/29 Datasheet HTML 377Page - Renesas Technology Corp R8C/29 Datasheet HTML 378Page - Renesas Technology Corp R8C/29 Datasheet HTML 379Page - Renesas Technology Corp R8C/29 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 359 of 441
REJ09B0279-0210
Figure 19.15
Block Erase Command (When Erase-Suspend Function Enabled)
Start
Write the command code 20h
Write D0h to any block
address
FMR00 = 1 ?
Full status check
Block erase completed
No
Yes
EW0 Mode
FMR40 = 1
Start
Write the command code 20h
Write D0h to any block
address
FMR00 = 1 ?
Full status check
Block erase completed
No
Yes
EW1 Mode
I = 1 (enable interrupt)
Maskable interrupt (2)
REIT
Access flash memory
FMR41 = 0
NOTES:
1. In EW0 mode, the interrupt vector table and interrupt routine for interrupts to be used should be allocated to the RAM area.
2. td(SR-SUS) is needed until the interrupt request is acknowledged after it is generated. The interrupt to enter suspend
should be in interrupt enabled status.
3. When no interrupt is used, the instruction to enable interrupts is not needed.
4. td(SR-SUS) is needed until erase is suspended after the FMR41 bit in the FMR4 register is set to 1.
Maskable interrupt(1)
FMR46 = 1 ?
REIT
Yes
FMR41 = 1(4)
FMR41 = 0
Access flash memory
FMR43 = 1 ?
Yes
No
Access flash memory
No
I = 1 (enable interrupt)(3)
FMR40 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com